Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF44IRMPT Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF44IRMPT
Description  Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC32RF44IRMPT Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADC32RF44IRMPT Datasheet HTML 28Page - Texas Instruments ADC32RF44IRMPT Datasheet HTML 29Page - Texas Instruments ADC32RF44IRMPT Datasheet HTML 30Page - Texas Instruments ADC32RF44IRMPT Datasheet HTML 31Page - Texas Instruments ADC32RF44IRMPT Datasheet HTML 32Page - Texas Instruments ADC32RF44IRMPT Datasheet HTML 33Page - Texas Instruments ADC32RF44IRMPT Datasheet HTML 34Page - Texas Instruments ADC32RF44IRMPT Datasheet HTML 35Page - Texas Instruments ADC32RF44IRMPT Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 134 page
background image
IQ 2.6 GSPS
N/2
ADC
NCO 2,
16 Bits
2.6 GSPS
IQ Data, 2.6 GSPS
RX1 IQ Output
GPIO
SYSREF
RX2 IQ Output
NCO 1,
16 Bits
NCO 3,
16 Bits
NCO 4,
16 Bits
RX1 Real Output
Wideband IQ Output
2,3
Wideband Real Output
RX2 Real Output
JESD204B
fOUT / 4
2
fOUT / 4
fOUT / 4
LPF
LPF
2
LPF
LPF
N/2
2
LPF
LPF
IQ Data
Real[ ]
Real[ ]
Real[ ]
IQ Data
IQ Data
32
ADC32RF44
SBAS809 – FEBRUARY 2017
www.ti.com
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.3.4.1 Operating Mode: Receiver
In receiver mode, the DDC block can be configured to single- or dual-band operation, as shown in Figure 72.
Both DDC chains use the same decimation filter setting and the available options are discussed in the
Decimation Filters section. The decimation filter setting also directly affects the interface rate and number of
lanes of the JESD204B interface.
NOTE: Red traces show SYSREF going to the NCO blocks.
Figure 72. Decimation Filter Option for Single- or Dual-Band Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com