Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF44IRMPT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF44IRMPT
Description  Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC32RF44IRMPT Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC32RF44IRMPT Datasheet HTML 2Page - Texas Instruments ADC32RF44IRMPT Datasheet HTML 3Page - Texas Instruments ADC32RF44IRMPT Datasheet HTML 4Page - Texas Instruments ADC32RF44IRMPT Datasheet HTML 5Page - Texas Instruments ADC32RF44IRMPT Datasheet HTML 6Page - Texas Instruments ADC32RF44IRMPT Datasheet HTML 7Page - Texas Instruments ADC32RF44IRMPT Datasheet HTML 8Page - Texas Instruments ADC32RF44IRMPT Datasheet HTML 9Page - Texas Instruments ADC32RF44IRMPT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 134 page
background image
6
ADC32RF44
SBAS809 – FEBRUARY 2017
www.ti.com
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
See the Power Consumption in Different Modes section for more details.
(2)
Full-scale signal is applied to the analog inputs of all active channels.
(3)
When used in dc-coupling mode, the common-mode voltage at the analog inputs should be kept within VCM ±25 mV for best
performance.
(4)
Crosstalk is measured with a –2-dBFS input signal on aggressor channel and no input on the victim channel.
(5)
See Figure 57.
7.5 Electrical Characteristics
typical values are specified at an ambient temperature of 25°C; minimum and maximum values are specified over an ambient
temperature range of –40°C to +85°C; and ADC sampling rate = 2.6 GHz, 50% clock duty cycle, AVDD19 = 1.9 V, AVDD =
1.15 V, DVDD = 1.15 V, –2-dBFS differential input, and 0-dB digital gain (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER CONSUMPTION(1) (Dual-Channel Operation, Both Channels A and B are Active; DDC Bypass Mode(2))
IAVDD19
1.9-V analog supply current
12-bit, bypass mode, fS = 2.6 GSPS
1730
1969
mA
IAVDD
1.15-V analog supply current
12-bit, bypass mode, fS = 2.6 GSPS
860
1079
mA
IDVDD
1.15-V digital supply current
12-bit, bypass mode, fS = 2.6 GSPS
1416
1846
mA
PD
Power dissipation
12-bit, bypass mode, fS = 2.6 GSPS
5.9
6.95
W
Global power-down power
dissipation
360
mW
ANALOG INPUTS
Resolution
14
Bits
Differential input full-scale
1.35
VPP
VIC
Input common-mode voltage
1.2(3)
V
RIN
Input resistance
Differential resistance at dc
65
Ω
CIN
Input capacitance
Differential capacitance at dc
2
pF
VCM common-mode voltage output
1.2
V
Analog input bandwidth
(–3-dB point)
ADC driven with 50-Ω source
3200
MHz
ISOLATION
Crosstalk isolation between channel
A and channel B(4)
fIN = 100 MHz
100
dBc
fIN = 900 MHz
99
fIN = 1800 MHz
95
fIN = 2700 MHz
86
fIN = 3500 MHz
85
CLOCK INPUT(5)
Input clock frequency
1.5
2.6
GHz
Differential (peak-to-peak) input
clock amplitude
0.5
1.5
2.5
VPP
Input clock duty cycle
45%
50%
55%
Internal clock biasing
1.0
V
Internal clock termination
(differential)
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com