Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF44IRMPT Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF44IRMPT
Description  Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC32RF44IRMPT Datasheet(HTML) 57 Page - Texas Instruments

Back Button ADC32RF44IRMPT Datasheet HTML 53Page - Texas Instruments ADC32RF44IRMPT Datasheet HTML 54Page - Texas Instruments ADC32RF44IRMPT Datasheet HTML 55Page - Texas Instruments ADC32RF44IRMPT Datasheet HTML 56Page - Texas Instruments ADC32RF44IRMPT Datasheet HTML 57Page - Texas Instruments ADC32RF44IRMPT Datasheet HTML 58Page - Texas Instruments ADC32RF44IRMPT Datasheet HTML 59Page - Texas Instruments ADC32RF44IRMPT Datasheet HTML 60Page - Texas Instruments ADC32RF44IRMPT Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 134 page
background image
57
ADC32RF44
www.ti.com
SBAS809 – FEBRUARY 2017
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.4.2.8 JESD204B Frame Assembly with Decimation (Dual-Band DDC): Real Output
Table 24 lists the available JESD204B formats and valid ranges for the ADC32RF44 with decimation (dual-band
DDC) when using real output format. The ranges are limited by the SerDes line rate and the maximum ADC
sample frequency. The sample alignment on the different lanes is shown in Table 25.
Table 24. JESD Mode Options: Dual-Band Real Output
DECIMATION
SETTING
(Complex)
NUMBER OF
ACTIVE DDCS
L
M
F
S
PLL
MODE
JESD
MODE0
JESD
MODE1
JESD
MODE2
RATIO
[fSerDes / fCLK
(Gbps / GSPS)]
Divide-by-8
(Divide-by-4 real)
2 per channel
8
4
1
1
20X
1
1
0
2.5
8
4
2
2
20X
1
0
0
4
4
2
1
40X
0
0
1
5
4
4
4
2
40X
2
0
0
Divide-by-9
(Divide-by-4.5 real)
2 per channel
8
4
1
1
20X
1
1
0
2.22
8
4
2
2
20X
1
0
0
4
4
2
1
40X
0
0
1
4.44
4
4
4
2
40X
2
0
0
Divide-by-10
(Divide-by-5 real)
2 per channel
8
4
1
1
20X
1
1
0
2
8
4
2
2
20X
1
0
0
4
4
2
1
40X
0
0
1
4
4
4
4
2
40X
2
0
0
Divide-by-12
(Divide-by-6 real)
2 per channel
8
4
1
1
20X
1
1
0
1.67
8
4
2
2
20X
1
0
0
4
4
2
1
40X
0
0
1
3.33
4
4
4
2
40X
2
0
0
Divide-by-16
(Divide-by-8 real)
2 per channel
8
4
1
1
20X
1
1
0
1.25
8
4
2
2
20X
1
0
0
4
4
2
1
40X
0
0
1
2.5
4
4
4
2
40X
2
0
0
Divide-by-18
(Divide-by-9 real)
2 per channel
8
4
1
1
20X
1
1
0
1.11
8
4
2
2
20X
1
0
0
4
4
2
1
40X
0
0
1
2.22
4
4
4
2
40X
2
0
0
Divide-by-20
(Divide-by-10 real)
2 per channel
8
4
1
1
20X
1
1
0
1
8
4
2
2
20X
1
0
0
4
4
2
1
40X
0
0
1
2
4
4
4
2
40X
2
0
0
Divide-by-24
(Divide-by-12 real)
2 per channel
4
4
2
1
40X
0
0
1
1.67
4
4
4
2
40X
2
0
0
Divide-by-32
(Divide-by-16 real)
2 per channel
4
4
2
1
40X
0
0
1
1.25
4
4
4
2
40X
2
0
0
(1)
Blue and green shading indicates the two bands for channel A; yellow and orange shading indicates the two bands for channel B.
Table 25. JESD Sample Lane Assignment: Dual-Band Complex Output(1)
OUTPUT
LANE
LMFS = 8411
LMFS = 8422
LMFS = 4421
LMFS = 4442
DA0
A10[15:8]
A10[15:8]
A10[7:0]
DA1
A10[7:0]
A11[15:8]
A11[7:0]
A10[15:8]
A10[7:0]
A10[15:8]
A10[7:0]
A11[15:8]
A11[7:0]
DA2
A20[15:8]
A20[15:8]
A20[7:0]
A20[15:8]
A20[7:0]
A20[15:8]
A20[7:0]
A21[15:8]
A21[7:0]
DA3
A20[7:0]
A21[15:8]
A21[7:0]
DB0
B10[15:8]
B10[15:8]
B10[7:0]
DB1
B10[7:0]
B11[15:8]
B11[7:0]
B10[15:8]
B10[7:0]
B10[15:8]
B10[7:0]
B11[15:8]
B11[7:0]
DB2
B20[15:8]
B20[15:8]
B20[7:0]
B20[15:8]
B20[7:0]
B20[15:8]
B20[7:0]
B21[15:8]
B21[7:0]
DB3
B20[7:0]
B21[15:8]
B21[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com