Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C01 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 80C01
Description  OPTICAL SAMPLING MODULES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

80C01 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  80C01 Datasheet HTML 1Page - List of Unclassifed Manufacturers 80C01 Datasheet HTML 2Page - List of Unclassifed Manufacturers 80C01 Datasheet HTML 3Page - List of Unclassifed Manufacturers 80C01 Datasheet HTML 4Page - List of Unclassifed Manufacturers 80C01 Datasheet HTML 5Page - List of Unclassifed Manufacturers 80C01 Datasheet HTML 6Page - List of Unclassifed Manufacturers 80C01 Datasheet HTML 7Page - List of Unclassifed Manufacturers 80C01 Datasheet HTML 8Page - List of Unclassifed Manufacturers 80C01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Optical Signal Analysis
www.tektronix.com/optical
3
Optical Sampling Modules
80C01 80C02 80C07B 80C08C 80C10 80C11 80C12
Optical Modules
Module
80C01
80C02
80C07B
Option
CR
CR
F1
F2
F3
F4
F5
F6
F7
F8
F9
F10
CR1
Bandwidth
20
20
30
30
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
(GHz)
Wavelength 1100-
1100-
1100-
1100-
700-
700-
700-
700-
700-
700-
700-
700-
700-
700-
700-
Range (nm)
1650
1650
1650
1650
1650
1650
1650
1650
1650
1650
1650
1650
1650
1650
1650
Fiber Input
9
9
9
9
9 &
9 &
9 &
9 &
9 &
9 &
9 &
9 &
9 &
9 &
9 &
(µm)
62.5
62.5
62.5
62.5
62.5
62.5
62.5
62.5
62.5
62.5
62.5
Mask Test
–8
–8
–9
–9
–22
–22
–22
–22
–22
–22
–22
–22
–22
–22
–22
Sensitivity
(dBm)
Number of
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Channels
Rates Supported:
= Filter, = Optical Clock Recovery,
= Electrical Clock Recovery
155 Mb/s
■■■
622 Mb/s
■■
1063 Mb/s
■■
1250 Mb/s
■■
2125 Mb/s
■■
2488 Mb/s
■■■
2500 Mb/s
■■■
3.125 Gb/s
3.188 Gb/s
3.32 Gb/s
4.25 Gb/s
9.95 Gb/s
■■



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com