Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C01 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 80C01
Description  OPTICAL SAMPLING MODULES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

80C01 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 80C01 Datasheet HTML 4Page - List of Unclassifed Manufacturers 80C01 Datasheet HTML 5Page - List of Unclassifed Manufacturers 80C01 Datasheet HTML 6Page - List of Unclassifed Manufacturers 80C01 Datasheet HTML 7Page - List of Unclassifed Manufacturers 80C01 Datasheet HTML 8Page - List of Unclassifed Manufacturers 80C01 Datasheet HTML 9Page - List of Unclassifed Manufacturers 80C01 Datasheet HTML 10Page - List of Unclassifed Manufacturers 80C01 Datasheet HTML 11Page - List of Unclassifed Manufacturers 80C01 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Optical Signal Analysis
www.tektronix.com/optical
8
Optical Sampling Modules
80C01 80C02 80C07B 80C08C 80C10 80C11 80C12
Optical Sampling Module Characteristics (continued)
Clock Recovery
Clock Recovery
Unfiltered Optical
Absolute Maximum
Internal Fiber
(Optional)
Outputs
Bandwidth*3
Nondestructive
Diameter
Optical Input
80C01
Option CR: 622 Mb/s,
±Clock, ±Data
20 GHz
5 mW average; 10 mW
9 µm/125 µm single-mode
2.488 Gb/s
peak power at wavelength
of highest relative
responsivity
80C02
Option CR: 9.953 Gb/s
Clock, Clock/16,
28 GHz
5 mW average; 10 mW
9 µm/125 µm single-mode
Data
peak power at wavelength
of highest relative
responsivity
80C07B
Option CR1: 155 Mb/s,
±Clock, ±Data
2.5 GHz
5 mW average; 10 mW
62.5 µm/125 µm multi-mode
622 Mb/s, 1.063 Gb/s,
peak power at wavelength
1.250 Gb/s, 2.125 Gb/s,
of highest responsivity
2.488 Gb/s, 2.500 Gb/s,
2.666 Gb/s
80C08C
Option CR1: 9.953 Gb/s,
Clock, Clock/16
10 GHz
1 mW average; 10 mW
62.5 µm/125 µm multi-mode
10.31 Gb/s;
peak power at wavelength
Option CR2: 10.31 Gb/s,
of highest responsivity
10.52 Gb/s;
Option CR4: Continuous
from 9.8 Gb/s to 12.6 Gb/s
80C10
Future Upgradeable
Future
65 GHz
20 mW average; 60 mW
9 µm/125 µm single-mode
peak power at wavelength
of highest relative
responsivity
80C11
Option CR1: 9.953 Gb/s;
CR1: Clock,
28 GHz
5 mW average; 10 mW
9 µm/125 µm single-mode
Option CR2: 9.953 Gb/s,
Clock/16, Data;
peak power at wavelength
10.664 Gb/s; Option CR3:
CR2, CR3, CR4:
of highest responsivity
9.953 Gb/s, 10.709 Gb/s;
Clock, Clock/16
Option CR4: Continuous
between 9.8 Gb/s
to 12.6 Gb/s
80C12
Provided by 80A05
ELECTRICAL
9 GHz (for all
1 mW average; 10 mW
62.5 µm/125 µm
(sold separately)
SIGNAL OUT
options except 10G)
peak power at wavelength
multi-mode
10 GHz (Option 10G)
of highest responsivity
*3 Values shown are warranted unless printed in an italic typeface which represents a typical value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com