Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C01 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 80C01
Description  OPTICAL SAMPLING MODULES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

80C01 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 80C01 Datasheet HTML 4Page - List of Unclassifed Manufacturers 80C01 Datasheet HTML 5Page - List of Unclassifed Manufacturers 80C01 Datasheet HTML 6Page - List of Unclassifed Manufacturers 80C01 Datasheet HTML 7Page - List of Unclassifed Manufacturers 80C01 Datasheet HTML 8Page - List of Unclassifed Manufacturers 80C01 Datasheet HTML 9Page - List of Unclassifed Manufacturers 80C01 Datasheet HTML 10Page - List of Unclassifed Manufacturers 80C01 Datasheet HTML 11Page - List of Unclassifed Manufacturers 80C01 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Optical Signal Analysis •
www.tektronix.com/optical
10
Optical Sampling Modules
80C01 • 80C02 • 80C07B • 80C08C • 80C10 • 80C11 • 80C12
Physical Characteristics for Optical Sampling Modules
Dimensions (mm/inches)
Weight (kg/lb)
Width
Height
Depth
Net
80C01
165/6.5
25/1.0
305/12.0
<2.61/<5.75
80C02
165/6.5
25/1.0
305/12.0
<2.61/<5.75
80C07B
165/6.5
25/1.0
305/12.0
<1.36/<3.0
80C08C
165/6.5
25/1.0
305/12.0
<1.22/<2.7
80C10
165/6.5
25/1.0
305/12.0
<2.61/<5.75
80C11
165/6.5
25/1.0
305/12.0
<1.22/<2.7
80C12
165/6.5
25/1.0
305/12.0
<2.61/<5.75
Optical Sampling Module Characteristics (continued)
Offset Capability
Power Meter
Power Meter
Power Meter
Mask Test
Range
Accuracy
Optical Sensitivity*4
80C01
Standard
Standard
+4 dBm to –30 dBm
5% of reading
–8 dBm at 622 Mb/s,
2.488 Gb/s, 9.953 Gb/s;
–5.0 dBm at 20 GHz
80C02
Standard
Standard
+4 dBm to –30 dBm
5% of reading
–9 dBm at 9.953 Gb/s;
–7 dBm at 20 GHz;
–4 dBm at 30 GHz
80C07B
Standard
Standard
+4 dBm to –30 dBm
5% of reading
–22 dBm at 155 Mb/s,
622 Mb/s; –20 dBm at
2488/2500 Mb/s
80C08C
Standard
Standard
0 dBm to –30 dBm
5% of reading
–15 dBm at all filter rates
80C10
Standard
Standard
+13 dBm to –21 dBm
5% of reading
0 dBm at 39.813 Gb/s,
43.018 Gb/s; 0 dBm at
30 GHz; +3 dBm at 65 GHz
80C11
Standard
Standard
+4 dBm to –30 dBm
5% of reading
–10 dBm at all filter rates;
–7 dBm at 20 GHz;
–4 dBm at 30 GHz
80C12
Standard
Standard
0 dBm to –30 dBm
5% of reading
–15 dBm (for all options
except Option 10G)
–12 dBm (for Option 10G)
*4Smallest power level for mask test. Values represent theoretical typical sensitivity of NRZ eyes for competitive comparison purposes. Assumes instrument peak-peak noise consumes most of the mask margin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com