Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC8101MM Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC8101MM
Description  Rail-to-Rail Input and Output, 2.7V Op Amp in micro SMD package with Shutdown
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC8101MM Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMC8101MM Datasheet HTML 1Page - National Semiconductor (TI) LMC8101MM Datasheet HTML 2Page - National Semiconductor (TI) LMC8101MM Datasheet HTML 3Page - National Semiconductor (TI) LMC8101MM Datasheet HTML 4Page - National Semiconductor (TI) LMC8101MM Datasheet HTML 5Page - National Semiconductor (TI) LMC8101MM Datasheet HTML 6Page - National Semiconductor (TI) LMC8101MM Datasheet HTML 7Page - National Semiconductor (TI) LMC8101MM Datasheet HTML 8Page - National Semiconductor (TI) LMC8101MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
+/−5V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ =5V, V− = −5V, V
CM = VO = 0V, and RL > 1MΩ to gnd.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
Limit
(Note 6)
Units
PSRR
Power Supply Rejection Ratio
V
S = 5V to 10V
80
76
72
dB
min
CMVR
Input Common-Mode Voltage Range
CMRR
≥ 50 dB
−5.3
−5.2
−5.0
V
max
5.3
5.2
5.0
V
min
A
VOL
Large Signal Voltage Gain
Sourcing
R
L = 600Ω
V
O = 0V to 4V
34.5
17.8
10
V/mV
min
Sinking
R
L = 600Ω
V
O = 0V to −4V
34.5
17.8
3.16
Sourcing
R
L = 2kΩ
V
O = 0V to 4.6V
138
31.6
17.8
V/mV
min
Sinking
R
L = 2kΩ
V
O = 0V to −4.6V
138
31.6
10
V
O
Output Swing
High
R
L = 600Ω
V
ID = 100mV
4.73
4.60
4.54
V
min
R
L = 2kΩ
V
ID = 100mV
4.90
4.85
4.83
V
min
Output Swing
Low
R
L = 600Ω
V
ID = −100mV
−4.85
−4.75
−4.65
V
max
R
L = 2kΩ
V
ID = −100mV
−4.95
4.90
−4.84
V
max
I
SC
Output Short Circuit Current
Sourcing, V
ID = 100mV
(Note 3),(Note 11)
49
30
25
mA
min
Sinking, V
ID = −100mV
(Note 3),(Note 11)
90
60
52
mA
min
I
S
Supply Current
No load, normal operation
1.1
1.7
1.9
mA
max
Shutdown mode
0.001
1
µA
T
on
Shutdown Turn-on time
(Note 9)
10
15
µs
T
off
Shutdown Turn-off time
(Note 9)
1
µs
I
in
″SL″ and ″SD″ Input Current
±1
±64
pA
max
SR
Slew Rate
(Note 8)
A
V = +10, RL = 10kΩ,
V
O = 10Vpp, CL = 1000pF
1.2
V/µs
f
u
Unity Gain-Bandwidth
V
I = 10mV
R
L = 2kΩ
840
KHz
GBW
Gain Bandwidth Product
f = 10KHz
1.3
MHz
e
n
Input-Referred Voltage Noise
f = 10KHz, R
s = 50Ω
33
i
n
Input-Referred Current Noise
f = 10KHz
1.5
THD
Total Harmonic Distortion
f = 10KHz, AV = +1,
V
O =8Vpp, RL = 600Ω
0.2
%
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com