Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC8101MM Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC8101MM
Description  Rail-to-Rail Input and Output, 2.7V Op Amp in micro SMD package with Shutdown
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC8101MM Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMC8101MM Datasheet HTML 7Page - National Semiconductor (TI) LMC8101MM Datasheet HTML 8Page - National Semiconductor (TI) LMC8101MM Datasheet HTML 9Page - National Semiconductor (TI) LMC8101MM Datasheet HTML 10Page - National Semiconductor (TI) LMC8101MM Datasheet HTML 11Page - National Semiconductor (TI) LMC8101MM Datasheet HTML 12Page - National Semiconductor (TI) LMC8101MM Datasheet HTML 13Page - National Semiconductor (TI) LMC8101MM Datasheet HTML 14Page - National Semiconductor (TI) LMC8101MM Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Typical Performance Characteristics V
S = 2.7V, Single Supply, VCM = V
+/2, T
A = 25˚C unless
specified (Continued)
THD+N vs.
Frequency
DS101240-45
Sourcing Current vs. Output
Voltage (V
S = 2.7V)
DS101240-87
Sinking Current vs. Output Voltage
(V
S = 2.7V)
DS101240-85
Sourcing Current vs. Output
Voltage (V
S =10V)
DS101240-86
Sinking Current vs.
Output Voltage (V
S =10V)
DS101240-84
Cap Load vs.
Iout
DS101240-88
Cap Load vs. Isolation Resistance
DS101240-90
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com