Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC8101MM Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC8101MM
Description  Rail-to-Rail Input and Output, 2.7V Op Amp in micro SMD package with Shutdown
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC8101MM Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMC8101MM Datasheet HTML 2Page - National Semiconductor (TI) LMC8101MM Datasheet HTML 3Page - National Semiconductor (TI) LMC8101MM Datasheet HTML 4Page - National Semiconductor (TI) LMC8101MM Datasheet HTML 5Page - National Semiconductor (TI) LMC8101MM Datasheet HTML 6Page - National Semiconductor (TI) LMC8101MM Datasheet HTML 7Page - National Semiconductor (TI) LMC8101MM Datasheet HTML 8Page - National Semiconductor (TI) LMC8101MM Datasheet HTML 9Page - National Semiconductor (TI) LMC8101MM Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
+/−5V Electrical Characteristics (Continued)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is in-
tended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5k
Ω in series with 100pF.
Note 3: Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature at 150˚C. Output currents in excess of 40mA over long term may adversely affect reliability.
Note 4: The maximum power dissipation is a function of TJ(max), θJA and TA. The maximum allowable power dissipation at any ambient temperature is PD = (TJ(max)
−TA)/θJA. All numbers apply for packages soldered directly onto a PC board.
Note 5: Typical Values represent the most likely parametric norm.
Note 6: All limits are guaranteed by testing or statistical analysis.
Note 7: Positive current corresponds to current flowing into the device.
Note 8: Slew rate is the slower of the rising and falling slew rates.
Note 9: Shutdown Turn-on and Turn-off times are defined as the time required for the output to reach 90% and 10%, respectively, of its final peak to peak swing when
set for Rail to Rail output swing with a 100KHz sine wave, 2K
Ω load, and AV = +10.
Note 10: Limiting input pin current is only necessary for input voltages that exceed absolute maximum input voltage ratings.
Note 11: Short circuit test is a momentary test. See Note 12.
Note 12: Output short circuit duration is infinite for VS < 6V. Otherwise, extended period output short circuit may damage the device.
Note 13: machine Model, 0
Ω in series with 200pF.
Application Notes
Shutdown features:
The LMC8101 is capable of being turned off in order to con-
serve power. Once in shutdown, the device supply current is
drastically reduced (1µA maximum) and the output will be
″Tri-stated″.
The shutdown feature of the LMC8101 is designed for flex-
ibility. The threshold level of the SD input can be referenced
to either V
- or V+ by setting the level on the SL input. When
the SL input is connected to V
-, the SD threshold level is ref-
erenced to V
- and vice versa. This threshold will be about
1.5V from the supply tied to the SL pin. So, for this example,
the device will be in shutdown as long as the SD pin voltage
is within 1V of V
-. In order to ensure that the device would not
″chatter″ between active and shutdown states, hysteresis is
built into the SD pin transition (see
Figure 1 for an illustration
of this feature). The shutdown threshold and hysteresis level
are independent of the supply voltage.
Figure 1 illustration
applies equally well to the case when SL is tied to V
+ and the
horizontal axis is referenced to V
+ instead. The SD pin
should not be set within the voltage range from 1.1V to 1.9V
of the selected supply voltage since this is a transition region
and the device status will be undetermined.
Table 1, below, summarizes the status of the device when
the SL and SD pins are connected directly to V
- or V+:
TABLE 1. LMC8101 Status Summary
SL
SD
LMC8101 Status
V
−
V
−
Shutdown
V
−
V
+
Active
V
+
V
+
Shutdown
V
+
V
−
Active
In case shutdown operation is not needed, as can be seen in
Table 1, the two pins SL and SD can simply be connected to
opposite supply nodes to achieve
″Active″ operation. The SL
and SD should always be tied to a node; if left unconnected,
these high impedance inputs will float to an undetermined
state and the device status will be undetermined as well.
With the device in shutdown, once
″Active″ operation is initi-
ated, there will be a finite amount of time required before the
device output is settled to its final value. This time is less
than 15µs. In addition, there may be some output spike dur-
ing this time while the device is transitioning into a fully op-
erational state. Some applications may be sensitive to this
output spike and proper precautions should be taken in order
to ensure proper operation at all times.
Tiny Package:
The LMC8101 is available in the micro SMD package as well
the 8 pin MSOP package. The micro SMD package requires
approximately 1/4 the board area of a SOT23. This package
is less than 1mm in height allowing it to be placed in absolute
minimum height clearance areas such as cellular handsets,
LCD panels, PCMCIA cards, etc. More information about the
micro
SMD
package
can
be
found
at:
http://
www.national.com/appinfo/microsmd.
DS101240-82
FIGURE 1. Supply Current vs. ’SD’ Voltage
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com