Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLV-030D Datasheet(PDF) 4 Page - All Sensors Corporation

Part # MLV-030D
Description  MLV Series Low Voltage Pressure Sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

MLV-030D Datasheet(HTML) 4 Page - All Sensors Corporation

  MLV-030D Datasheet HTML 1Page - All Sensors Corporation MLV-030D Datasheet HTML 2Page - All Sensors Corporation MLV-030D Datasheet HTML 3Page - All Sensors Corporation MLV-030D Datasheet HTML 4Page - All Sensors Corporation MLV-030D Datasheet HTML 5Page - All Sensors Corporation MLV-030D Datasheet HTML 6Page - All Sensors Corporation MLV-030D Datasheet HTML 7Page - All Sensors Corporation MLV-030D Datasheet HTML 8Page - All Sensors Corporation MLV-030D Datasheet HTML 9Page - All Sensors Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MLV Series Low Voltage Pressure Sensors
How To Order
TABLE 1: Available E-Series Package Configurations
NOTE 1) Parylene Coating: Parylene coating provides a moisture barrier and protection from some harsh media. Consult factory for ap-
plicability of Parylene for the target application and sensor type.
(See NOTE 1 below)
E Package
Example: MLV-L02D-E1ND-N
Example: MLV-L02D-A6BBF-N
A Package
SIPDIP
J Lead SMT
SIPDIP
J Lead SMT
Dual Port
Same Side
E1NS
E1ND
E1NJ
N/A
E1BS
E1BD
N/AN/A
Dual Port
Opposite
Side
E2NS
E2ND
E2NJ
N/A
E2BS
E2BD
N/AN/A
Single Port
(Gage)
EGNS
EGND
EGNJ
EGNL
EGBS
EGBD
EGBJ
EGBL
Lead Style
Non-Barbed Lid
Barbed Lid
Port
Lead Style
Series
MLV-
-A6
-
Port Fittings
Pressure Range
Coating
Op on
De scrip on
A
No Port Cut
B
Two Ports Cut 0.085"
C
Two Ports Cut 0.100"
D
Two Ports Cut 0.150"
E
One Port (A) Cut 0.080"
F
One Port (A) Cut 0.370"
Op on
De scrip on
A
No Fi ngs
B
Ba rb Fi ng Port A Only
C
Ba rb Fi ng Port B Only
D
Ba rb Fi ngs Ports A & B
Op on
De scrip on
F
Fl at (Straig ht)
Q
Ri ght Angl e 0.075"
R
Rig ht Angle 0.100"
J
Jogged Bend
Op on
De scrip on
N
No Coa ng
P
Paryle ne Coa ng
L01D
1 inH2O
L02D
2 inH2O
L05D
5 inH2O
L10D
10 in H2O
L20D
20 in H2O
L30D
30 in H2O
005D
5 PSI
015D
15 PSI
015A
15 PSIA
030D
30 PSI
100D
100 PSI
150D
150 PSI
MLV-
-E
-
Op on
De scrip on
N
No Coa ng
P
Paryle ne Coa ng
Series
Pressure Range
Coating
Port Orientation
Lid Style
Lead Type
Op on
De scrip on
1
Dual Port Sam e Si de
2
Dual Port Oppo si te Sid e
G
Si ngle Port (Gag e)
Op on De scrip on
NN
on-Barbe d
BB
arbe d
Op on
De scrip on
SS
IP
DD
IP
JJ
-Lea d SMT
LL
ow Pro le DIP
L01D
1 inH2O
L02D
2 inH2O
L05D
5 inH2O
L10D
10 in H2O
L20D
20 in H2O
L30D
30 in H2O
005D
5 PSI
015D
15 PSI
015A
15 PSIA
030D
30 PSI
SIP
DIP
J-Lead SMT
Low Profile DIP
Non-Barbed
Barbed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com