Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLV-030D Datasheet(PDF) 1 Page - All Sensors Corporation

Part # MLV-030D
Description  MLV Series Low Voltage Pressure Sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

MLV-030D Datasheet(HTML) 1 Page - All Sensors Corporation

  MLV-030D Datasheet HTML 1Page - All Sensors Corporation MLV-030D Datasheet HTML 2Page - All Sensors Corporation MLV-030D Datasheet HTML 3Page - All Sensors Corporation MLV-030D Datasheet HTML 4Page - All Sensors Corporation MLV-030D Datasheet HTML 5Page - All Sensors Corporation MLV-030D Datasheet HTML 6Page - All Sensors Corporation MLV-030D Datasheet HTML 7Page - All Sensors Corporation MLV-030D Datasheet HTML 8Page - All Sensors Corporation MLV-030D Datasheet HTML 9Page - All Sensors Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
All Sensors
DS-0274 Rev C
The MLV Series Compensated Sensor is based on All Sensors’ CoBeam2 TM Technology. The device provides a high output signal at a
low operating voltage while maintaining comparable output levels to traditional equivalent compensated millivolt sensors operat-
ing at higher voltages. This lower supply voltage gives rise to improved warm-up shift while the CoBeam2 Technology itself reduces
package stress susceptibility resulting in improved overall long term stability. The technology also vastly improves position sensitivity
compared to conventional single die devices.
These calibrated and compensated sensors give an acurate and stable output over a wide temperature range. This series is intended
for use with non-corrosive, non-ionic working fluids such as air, dry gases and the like. A protective parylene coating is optionally
available for moisture/harsh media protection. The output is also ratiometric to the supply voltage and designed to operate at 5.0
volts DC.
• 1 to 30 inH2O & 5 to 150 PSI Pressure Ranges
• 5V Operation
• High Output
• Low Power Consumption
• Excellent Position Sensitivity
• Low Warm-Up Shift
• Enhanced Front to Back Linearity
• Protective Parylene Coating Option
• Medical Breathing
• Environmental Controls
• HVAC
• Industrial Controls
• Portable/Hand-Held Equipment
General Description
Applications
Features
MLV Series Low Voltage Pressure Sensors
Device
Operating Range
Proof Pressure
Burst Pressure
Nominal Span
MLV-L01D
±1 inH2O
100 inH2O
300 inH2O
7 mV
MLV-L02D
±2 inH2O
100 inH2O
300 inH2O
10 mV
MLV-L05D
±5 inH2O
200 inH2O
300 inH2O
15 mV
MLV-L10D
±10 inH2O
200 inH2O
300 inH2O
20 mV
MLV-L20D
±20 inH2O
200 inH2O
500 inH2O
20 mV
MLV-L30D
±30 inH2O
200 inH2O
800 inH2O
20 mV
MLV-005D
±5 PSI
10 PSI
30PSI
25 mV
MLV-015D
±15 PSI
60 PSI
120 PSI
37.5 mV
MLV-015A
0 - 15 PSIA
60 PSI
120 PSI
37.5 mV
MLV-030D
±30 PSI
90 PSI
150 PSI
37.5 mV
MLV-100D
±100 PSI
200 PSI
250 PSI
41.67 mV
MLV-150D
±150 PSI
200 PSI
250 PSI
37.5 mV
Standard Pressure Ranges
Equivalent Circuit
+Vout
-Vout
+Vsupply
-Vsupply


Similar Part No. - MLV-030D

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
MLV-030D ASC-MLV-030D Datasheet
1Mb / 16P
MLV Series Low Voltage Pressure Sensors
MLV-030D ASC-MLV-030D Datasheet
1Mb / 16P
MLV Series Low Voltage Pressure Sensors
MLV-030D ASC-MLV-030D Datasheet
1Mb / 16P
MLV Series Low Voltage Pressure Sensors
MLV-030D ASC-MLV-030D Datasheet
1Mb / 16P
MLV Series Low Voltage Pressure Sensors
MLV-030D ASC-MLV-030D Datasheet
1Mb / 16P
Low Voltage Pressure Sensors
More results

Similar Description - MLV-030D

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DS-0280 ASC-DS-0280 Datasheet
354Kb / 4P
BLVR Series Low Voltage Pressure Sensors
Rev A
DS-02743 ASC-DS-02743 Datasheet
1Mb / 16P
MLV Series Low Voltage Pressure Sensors
BLVR-L01D-B1NS-N ASC-BLVR-L01D-B1NS-N Datasheet
354Kb / 4P
BLVR Series Low Voltage Pressure Sensors
Rev A
BLVR-L05D-B1NS-N ASC-BLVR-L05D-B1NS-N Datasheet
354Kb / 4P
BLVR Series Low Voltage Pressure Sensors
Rev A
MLV-015D-E1BS-N ASC-MLV-015D-E1BS-N Datasheet
1Mb / 16P
MLV Series Low Voltage Pressure Sensors
MLV-030D-E1BS-N ASC-MLV-030D-E1BS-N Datasheet
1Mb / 16P
MLV Series Low Voltage Pressure Sensors
MLV-L05D-E1NS-N ASC-MLV-L05D-E1NS-N Datasheet
1Mb / 16P
MLV Series Low Voltage Pressure Sensors
MLV-L30D-E1NS-N ASC-MLV-L30D-E1NS-N Datasheet
1Mb / 16P
MLV Series Low Voltage Pressure Sensors
DS-0274 ASC-DS-0274 Datasheet
1Mb / 16P
Low Voltage Pressure Sensors
BLVR-L01D ASC-BLVR-L01D Datasheet
354Kb / 4P
BLVR Series Low Voltage Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com