Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLV-030D Datasheet(PDF) 5 Page - All Sensors Corporation

Part # MLV-030D
Description  MLV Series Low Voltage Pressure Sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

MLV-030D Datasheet(HTML) 5 Page - All Sensors Corporation

  MLV-030D Datasheet HTML 1Page - All Sensors Corporation MLV-030D Datasheet HTML 2Page - All Sensors Corporation MLV-030D Datasheet HTML 3Page - All Sensors Corporation MLV-030D Datasheet HTML 4Page - All Sensors Corporation MLV-030D Datasheet HTML 5Page - All Sensors Corporation MLV-030D Datasheet HTML 6Page - All Sensors Corporation MLV-030D Datasheet HTML 7Page - All Sensors Corporation MLV-030D Datasheet HTML 8Page - All Sensors Corporation MLV-030D Datasheet HTML 9Page - All Sensors Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
All Sensors
DS-0274 Rev C
Package Drawings
NOTES
1) Dimensions are in inches [mm].
2) For suggested pad layout,
see drawing: PAD-09
21.59
0.100
0.850
0.51
0.020
3.81
20.32
3.56
0.800
0.140
2.54
0.150
0.050
1.27
Pin 1
Identifier
0.550
12.19
2.40
0.480
0.25
13.97
0.010
0.094
0.344
8.74
Port B
Port A
A6 Package (Without Options)
0.185
4.69
A- No Port Cut Configuration
D- Two Ports Cut 0.150" Configuration
4.50
0.177
F- Port A Cut 0.370" Configuration
0.187
4.74
C- Two Ports Cut 0.100" Configuration
0.187
4.75
E- Port A cut 0.080" Configuration
4.76
0.187
B- Two Ports Cut 0.085" Configuration
Example: MLV-L10D-A6xAF-N
Port Cut Options
A-Package: Port Cut Options
Pinout
(Gage)
1) N/C
2) Vs
3) +Out
4) Gnd
5) -Out
6) N/C
Pinout
(Absolute)
1) N/C
2) Vs
3) -Out
4) Gnd
5) +Out
6) N/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com