Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMF100CCN Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMF100CCN
Description  High Performance Dual Switched Capacitor Filter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMF100CCN Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMF100CCN Datasheet HTML 1Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 2Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 3Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 4Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 5Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 6Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 7Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 8Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LMF100
High Performance Dual Switched Capacitor Filter
General Description
The LMF100 consists of two independent general purpose
high performance switched capacitor filters. With an external
clock and 2 to 4 resistors, various second-order and
first-order filtering functions can be realized by each filter
block. Each block has 3 outputs. One output can be config-
ured to perform either an allpass, highpass, or notch func-
tion. The other two outputs perform bandpass and lowpass
functions. The center frequency of each filter stage is tuned
by using an external clock or a combination of a clock and re-
sistor ratio. Up to a 4th-order biquadratic function can be re-
alized with a single LMF100. Higher order filters are imple-
mented by simply cascading additional packages, and all the
classical filters (such as Butterworth, Bessel, Elliptic, and
Chebyshev) can be realized.
The LMF100 is fabricated on National Semiconductor’s high
performance
analog
silicon
gate
CMOS
process,
LMCMOS™. This allows for the production of a very low off-
set, high frequency filter building block. The LMF100 is
pin-compatible with the industry standard MF10, but pro-
vides greatly improved performance.
Features
n Wide 4V to 15V power supply range
n Operation up to 100 kHz
n Low offset voltage:
typically
(50:1 or 100:1 mode):
Vos1 = ±5mV
Vos2 = ±15 mV
Vos3 = ±15 mV
n Low crosstalk −60 dB
n Clock to center frequency ratio accuracy ±0.2% typical
n f0 x Q range up to 1.8 MHz
n Pin-compatible with MF10
4th Order 100 kHz Butterworth Lowpass Filter
Connection Diagram
LMCMOS™ is a trademark of National Semiconductor Corporation.
DS005645-2
DS005645-3
Surface Mount and Dual-In-Line Package
DS005645-18
Top View
Order Number
LMF100CCN or LMF100CIWM
See NS Package Number N20A or M20B
July 1999
© 1999 National Semiconductor Corporation
DS005645
www.national.com


Similar Part No. - LMF100CCN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMF100CIWM TI1-LMF100CIWM Datasheet
2Mb / 42P
Dual High-Performance Switched Capacitor Filters
LMF100CIWM/NOPB TI1-LMF100CIWM/NOPB Datasheet
2Mb / 42P
Dual High-Performance Switched Capacitor Filters
LMF100CIWMX TI1-LMF100CIWMX Datasheet
2Mb / 42P
Dual High-Performance Switched Capacitor Filters
LMF100CIWMX/NOPB TI1-LMF100CIWMX/NOPB Datasheet
2Mb / 42P
Dual High-Performance Switched Capacitor Filters
More results

Similar Description - LMF100CCN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MF10 NSC-MF10 Datasheet
706Kb / 20P
Universal Monolithic Dual Switched Capacitor Filter
logo
Linear Technology
LTC1059 LINER-LTC1059 Datasheet
462Kb / 8P
High Performance Switched Capacitor Universal Filter
LTC1059CS LINER-LTC1059CS Datasheet
175Kb / 3P
High Performance Switched Capacitor Universal Filter?
LT1059 LINER-LT1059 Datasheet
458Kb / 8P
HIGH PERFORMANCE SWITCHED CAPACITOR UNIVERSAL FILTER
LTC1059 LINER-LTC1059_09 Datasheet
120Kb / 8P
High Performance Switched Capacitor Universal Filter
logo
Texas Instruments
MF10 TI1-MF10 Datasheet
770Kb / 30P
Universal Monolithic Dual Switched Capacitor Filter
logo
Linear Technology
LTC1059 LINER-LTC1059_15 Datasheet
126Kb / 8P
High Performance Switched Capacitor Universal Filter
logo
Texas Instruments
LMF100 TI-LMF100_15 Datasheet
1Mb / 40P
LMF100 Dual High-Performance Switched Capacitor Filters
LMF100 TI1-LMF100 Datasheet
2Mb / 42P
Dual High-Performance Switched Capacitor Filters
MF10-N TI1-MF10-N_17 Datasheet
2Mb / 36P
Universal Monolithic Dual Switched Capacitor Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com