Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMF100CCN Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMF100CCN
Description  High Performance Dual Switched Capacitor Filter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMF100CCN Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LMF100CCN Datasheet HTML 12Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 13Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 14Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 15Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 16Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 17Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 18Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 19Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
2.0 Modes of Operation (Continued)
MODE 4: Allpass, Bandpass, Lowpass Outputs
(See
Figure 13)
*Due to the sampled data nature of the filter, a slight mismatch of fz and f0
occurs causing a 0.4 dB peaking around f0 of the allpass filter amplitude
response (which theoretically should be a straight line). If this is
unacceptable, Mode 5 is recommended.
MODE 5: Numerator Complex Zeros, BP, LP
(See
Figure 14)
DS005645-10
FIGURE 12. MODE 3a
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com