Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMF100CCN Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMF100CCN
Description  High Performance Dual Switched Capacitor Filter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMF100CCN Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMF100CCN Datasheet HTML 9Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 10Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 11Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 12Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 13Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 14Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 15Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 16Page - National Semiconductor (TI) LMF100CCN Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
2.0 Modes of Operation
The LMF100 is a switched capacitor (sampled data) filter. To
fully describe its transfer functions, a time domain analysis is
appropriate. Since this is cumbersome, and since the
LMF100 closely approximates continuous filters, the follow-
ing discussion is based on the well-known frequency do-
main. Each LMF100 can produce two full 2nd order func-
tions. See
Table 1 for a summary of the characteristics of the
various modes.
MODE 1: Notch 1, Bandpass, Lowpass Outputs:
f
notch = f0 (See Figure 7)
MODE 1a: Non-Inverting BP, LP (See
Figure 8)
Note: VIN should be driven from a low impedance (<1kΩ) source.
DS005645-11
FIGURE 7. MODE 1
DS005645-4
FIGURE 8. MODE 1a
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com