Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC66 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC66
Description  Low Voltage, Rail-To-Rail Input and Output CMOS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC66 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LMC66 Datasheet HTML 11Page - National Semiconductor (TI) LMC66 Datasheet HTML 12Page - National Semiconductor (TI) LMC66 Datasheet HTML 13Page - National Semiconductor (TI) LMC66 Datasheet HTML 14Page - National Semiconductor (TI) LMC66 Datasheet HTML 15Page - National Semiconductor (TI) LMC66 Datasheet HTML 16Page - National Semiconductor (TI) LMC66 Datasheet HTML 17Page - National Semiconductor (TI) LMC66 Datasheet HTML 18Page - National Semiconductor (TI) LMC66 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
4.0 Capacitive Load Tolerance (Continued)
The pulse response of the circuit shown in
Figure 9 is shown in Figure 10.
Application Hints
5.0 Printed-Circuit-Board Layout for High-Impedance Work
It is generally recognized that any circuit which must operate
with less than 1000 pA of leakage current requires special
layout of the PC board. When one wishes to take advantage
of the ultra-low input current of the LMC6681/2/4, typically
less than 80 fA, it is essential to have an excellent layout.
Fortunately, the techniques of obtaining low leakages are
quite simple. First, the user must not ignore the surface leak-
age of the PC board, even though it may sometimes appear
acceptably low, because under conditions of high humidity or
dust or contamination, the surface leakage will be appre-
ciable.
To minimize the effect of any surface leakage, lay out a ring
of foil completely surrounding the LMC6681/2/4’s inputs and
the terminals of capacitors, diodes, conductors, resistors, re-
lay terminals, etc. connected to the op-amp’s inputs, as in
Figure 11. To have a significant effect, guard rings should be
placed in both the top and bottom of the PC board. This PC
foil must then be connected to a voltage which is at the same
voltage as the amplifier inputs, since no leakage current can
flow between two points at the same potential. For example,
a PC board trace-to-pad resistance of 10
12
Ω, which is nor-
mally considered a very large resistance, could leak 5 pA if
the trace were a 5V bus adjacent to the pad of the input. This
would cause a 60 times degradation from the LMC6681/2/
4’s actual performance. However, if a guard ring is held
within 5 mV of the inputs, then even a resistance of 10
11
Ω
would cause only 0.05 pA of leakage current. See
Figure 12
for typical connections of guard rings for standard op-amp
configurations.
DS012042-14
FIGURE 10. Pulse Response of the
LMC6682 Circuit Shown in
Figure 9
DS012042-18
FIGURE 11. Example of Guard Ring in PC Board
Layout
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com