Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC66 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC66
Description  Low Voltage, Rail-To-Rail Input and Output CMOS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC66 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LMC66 Datasheet HTML 15Page - National Semiconductor (TI) LMC66 Datasheet HTML 16Page - National Semiconductor (TI) LMC66 Datasheet HTML 17Page - National Semiconductor (TI) LMC66 Datasheet HTML 18Page - National Semiconductor (TI) LMC66 Datasheet HTML 19Page - National Semiconductor (TI) LMC66 Datasheet HTML 20Page - National Semiconductor (TI) LMC66 Datasheet HTML 21Page - National Semiconductor (TI) LMC66 Datasheet HTML 22Page - National Semiconductor (TI) LMC66 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Low Voltage Peak Detector
The accuracy of the peak detector is dependent on the leak-
age currents of the diodes and the capacitors, and the
non-idealities of the amplifier. The parameters of the ampli-
fier which can limit the performance of this circuit are (a) Fi-
nite slew rate, (b) Input current, and (c) Maximum output cur-
rent of the amplifier.
The input current of the amplifier causes a slow discharge of
the capacitor. This phenomenon is called “drooping”. The
LMC6682 has a typical input current of 80 fA. This would
cause the capacitor to droop at a rate of dV/dt = I
B/C =
80 fA/100 pF = 0.8 mV/s. Accuracy in the amplitude mea-
surement is also maintained by an offset voltage of 0.5 mV,
and an open-loop gain of 120 dB.
Oscillators
For single supply 5V operation, the output of the circuit will
swing from 0V to 5V. The voltage divider set up R
2,R3 and
R
4 will cause the non-inverting input of the LMC6681/2/4 to
move from 1.67V (1⁄3 of 5V) to 3.33V (2⁄3 of 5V). This voltage
behaves as the threshold voltage.
R
1 and C1 determine the time constant for the circuit. The
frequency of oscillation, f
OSC is
where
∆t is the time the amplifier input takes to move from
1.67V to 3.33V. The calculations are shown below.
where
τ = RC = 0.68 seconds
→ t
1 = 0.27 seconds.
and
→t
2 = 0.74 seconds
Then,
LMC6681/2/4 as a Comparator
Figure 23 shows the application of the LMC6681/2/4 as a
comparator. The hysteresis is determined by the ratio of the
two resistors. Since the supply current of the LMC6681/2/4 is
less than 1 mA, it can be used as a low power comparator, in
applications where the quiescent current is an important pa-
rameter. At V
S = 3V, typical propagation delays would be on
the order of t
PHL = 6 µs, and tPLH = 5 µs.
Filters
The filter shown in
Figure 24 is used to process “voice-band”
signals. The bandpass filter has a gain of 40 dB. The two
corner frequencies, f
1 and f2 are calculated as
DS012042-23
FIGURE 21. Low Voltage Peak Detector
DS012042-30
FIGURE 22. 1 Hz Square — Wave Oscillator
DS012042-31
FIGURE 23. Comparator with Hysteresis
DS012042-32
FIGURE 24. Wide-Band Band-Pass Filter
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com