Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC66 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC66
Description  Low Voltage, Rail-To-Rail Input and Output CMOS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC66 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LMC66 Datasheet HTML 16Page - National Semiconductor (TI) LMC66 Datasheet HTML 17Page - National Semiconductor (TI) LMC66 Datasheet HTML 18Page - National Semiconductor (TI) LMC66 Datasheet HTML 19Page - National Semiconductor (TI) LMC66 Datasheet HTML 20Page - National Semiconductor (TI) LMC66 Datasheet HTML 21Page - National Semiconductor (TI) LMC66 Datasheet HTML 22Page - National Semiconductor (TI) LMC66 Datasheet HTML 23Page - National Semiconductor (TI) LMC66 Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Filters (Continued)
The LMC6681/2/4, with its rail-to-rail input common-mode
voltage range and high gain (120 dB typical, R
L = 10 kΩ)is
extremely well suited for such filter applications. The
rail-to-rail input range allows for large input signals to be pro-
cessed without distortion. The high gain means that the cir-
cuit can provide filtering and gain in one stage, instead of the
typical two stage filter. This implies a reduction in cost, and
savings of space and power.
This is an illustration of the conceptual use of the LMC6681/
2/4. The selectivity of the filter can be improved by increas-
ing the order (number of poles) of the design.
Sample-and-Hold Circuits
When the “Switch” is closed during the Sample Interval,
C
HOLD charges up to the value of the input signal when the
“Switch” is open, C
HOLD retains this value as it is buffered by
the high input impedance of the LMC6681.
Errors in the “hold” voltage are caused by the input current of
the amplifier, the leakage current of the CD4066, and the
leakage current of the capacitor. While an input current of 80
fA minimizes the accumulation rate for error in this circuit, the
LMC6681’s CMRR of 82 dB allows excellent accuracy
throughout the amplifier’s rail-to-rail dynamic capture range.
Battery Monitoring Circuit
The LMC6681/2/4 has been optimized for performance at
3V, and also has guaranteed specs at 1.8V and 2.2V. In por-
table applications, the R
LOAD
represents the laptop/
notebook, or any other computer which the battery is power-
ing. A desired output voltage can be achieved by
manipulating the ratios of the feedback resistors. During the
charging cycle, the current flows out of the battery as shown.
While during discharge, the current is in the reverse direc-
tion. Since the current can range from a few milliamperes to
amperes, the amplifier will have to sense a signal below
ground during the discharge cycle. At 3V, the LMC6681/2/4
can accept a signal up to 300 mV below ground. The
common-mode voltage range of the LMC6681/2/4, which ex-
tends beyond both rails, is thus a very useful feature in this
application.
A typical offset voltage of 0.5 mV, and CMRR of 82 dB main-
tain accuracy in the circuit output, while the rail-to-rail output
performance allows for a maximum signal range.
DS012042-34
FIGURE 25. Sample-and-Hold Application
DS012042-37
FIGURE 26. Circuit Used to Sense Charging
DS012042-38
FIGURE 27. Circuit Used to Sense Discharging
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com