Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMF90CIWM Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMF90CIWM
Description  4th-Order Elliptic Notch Filter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMF90CIWM Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMF90CIWM Datasheet HTML 8Page - National Semiconductor (TI) LMF90CIWM Datasheet HTML 9Page - National Semiconductor (TI) LMF90CIWM Datasheet HTML 10Page - National Semiconductor (TI) LMF90CIWM Datasheet HTML 11Page - National Semiconductor (TI) LMF90CIWM Datasheet HTML 12Page - National Semiconductor (TI) LMF90CIWM Datasheet HTML 13Page - National Semiconductor (TI) LMF90CIWM Datasheet HTML 14Page - National Semiconductor (TI) LMF90CIWM Datasheet HTML 15Page - National Semiconductor (TI) LMF90CIWM Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
20 Applications Information (Continued)
22 PROGRAMMING PINS
The LMF90 has five control pins that are used to program
the filter’s characteristics via a three-level logic scheme In
dual-supply applications these inputs are tied to either V
a
V
b
or GND in order to select a particular set of characteris-
tics For example the W input (pin 1) sets the filter’s pass-
band width to 055 f0 026 f0 or 0127 f0 when the W input is
connected to V
a
GND or V
b
respectively Applying V
b
and GND to the D input (pin 10) will set the notch depth to
40 dB or 30 dB respectively
The R input (pin 2) is another three-level logic input and it
sets the clock-to-center-frequency ratio to 33331 501 or
1001 for input voltages equal to V
a
GND or V
b
respec-
tively Note that the clock frequency referred to here is the
frequency at the CLK pin and at the frequency divider output
(if used) This is different from the frequency at the divider’s
input LD (pin 3) sets the frequency divider’s division factor
to either 716 596 or 2 for input voltages equal to V
a
GND
or V
b
respectively XLS (pin 7) enables and disables the
crystal oscillator and clock divider When XLS is connected
to the positive supply the oscillator and divider are enabled
and CLK is the output of the divider and can drive the clock
inputs of other LMF90s When XLS is connected to GND
the oscillator and divider are disabled and the CLK pin be-
comes a clock input for CMOS-level signals Connecting
XLS to the negative supply disables the oscillator and divid-
er and causes CLK to operate as a TTL-level clock input
Using an external 3579545 MHz color television crystal with
the internal oscillator and divider it is possible to build a
power line frequency notch for 50 Hz or 60 Hz line frequen-
cies or their second and third harmonics using the LMF90 A
60 Hz notch is shown in the Typical Application circuit on
the first page of this data sheet Connecting LD to V
a
changes the notch frequency to 50 Hz Changing the clock-
to-center-frequency ratio to 501 results in a second-har-
monic notch and a 331 ratio causes the LMF90 to notch
the third harmonic
Table I illustrates 18 different combinations of filter band-
width depth and clock-to-center-frequency ratio obtained
by choosing the appropriate W D and R programming volt-
ages
23 DIGITAL INPUTS AND OUTPUTS
As mentioned above the CLK pin can serve as either an
input or an output depending on the programming voltage
on XLS When CLK is operating as a TTL input it will oper-
ate properly in both dual-supply and single-supply applica-
tions because it has two logic thresholdsone referred to
V
b
and one referred to GND When operating as an output
CLK swings rail-to-rail (CMOS logic levels)
XTAL1 and XTAL2 are the input and output pins for the
internal crystal oscillator When using the internal oscillator
(XLS connected to V
a
) the crystal is connected between
these two pins When the internal oscillator is not used
XTAL2 should be left open XTAL1 can be used as an input
for an external CMOS-level clock signal swinging from V
b
to V
a
The frequency of the crystal or the external clock
applied to XTAL1 will be divided by the internal frequency
divider as determined by programming voltage on the LD
pin
24 SAMPLED-DATA SYSTEM CONSIDERATIONS
OUTPUT STEPS
Because the LMF90 uses switched-capacitor techniques its
performance differs in several ways from non-sampled (con-
tinuous) circuits The analog signal at the input to the inter-
nal bandpass filter (pin 12) is sampled during each clock
cycle and since the output voltage can change only once
every clock cycle the result is a discontinuous output signal
The bandpass output takes the form of a series of voltage
‘‘steps’’ as shown in
Figure 3 The steps are smaller when
the clock frequency is much greater than the signal frequen-
cy
Switched-capacitor techniques are used to set the summing
amplifier’s gain Its input and feedback ‘‘resistors’’ are actu-
ally made from switches and capacitors Two sets of these
‘‘resistors’’ are alternated during each clock cycle Each
time these gain-setting components are switched there will
be no feedback connected to the op amp for a short period
of time (about 50 ns) This generates very low-amplitude
output signals at fCLK a fIN fCLK b fIN 2fCLK a fIN etc
The amplitude of each of these intermodulation compo-
nents will typically be at least 70 dB below the input signal
amplitude and well beyond the spectrum of interest
TABLE I Operation of LMF90 Programming Pins Values given are for nominal levels of attenuation
RV
b
(fCLK f0 e 100)
GND (fCLK f0 e 50)
V
a
(fCLK f0 e 3333)
DW
Amin
BWf0
SBWf0
Amin
BWf0
SBWf0
Amin
BWf0
SBWf0
(dB)
(dB)
(dB)
V
b
b
30
012
0019
b
30
012
0019
b
30
012
0019
V
b
GND
b
30
026
0040
b
30
026
0040
b
30
026
0040
V
a
b
30
055
0082
b
30
055
0082
b
30
055
0082
V
b
b
35
012
0010
b
35
012
0010
b
35
012
0010
GND
GND
b
40
026
0024
b
40
026
0024
b
40
026
0024
V
a
b
40
055
0050
b
40
055
0050
b
40
055
0050
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com