Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMF90CIWM Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMF90CIWM
Description  4th-Order Elliptic Notch Filter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMF90CIWM Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMF90CIWM Datasheet HTML 9Page - National Semiconductor (TI) LMF90CIWM Datasheet HTML 10Page - National Semiconductor (TI) LMF90CIWM Datasheet HTML 11Page - National Semiconductor (TI) LMF90CIWM Datasheet HTML 12Page - National Semiconductor (TI) LMF90CIWM Datasheet HTML 13Page - National Semiconductor (TI) LMF90CIWM Datasheet HTML 14Page - National Semiconductor (TI) LMF90CIWM Datasheet HTML 15Page - National Semiconductor (TI) LMF90CIWM Datasheet HTML 16Page - National Semiconductor (TI) LMF90CIWM Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
20 Applications Information (Continued)
ALIASING
Another important characteristic of sampled-data systems is
their effect on signals at frequencies greater than one-half
the sampling frequency (The LMF90’s sampling frequency
is the same as the filter’s clock frequency This is the fre-
quency at the CLK pin) If a signal with a frequency greater
than one-half the sampling frequency is applied to the input
of a sampled-data system it will be ‘‘reflected’’ to a frequen-
cy less than one-half the sampling frequency Thus an input
signal whose frequency is fS 2 a 10 Hz will cause the sys-
tem to respond as though the input frequency was fs 2 b
10 Hz This phenomenon is known as ‘‘aliasing’’ Aliasing
can be reduced or eliminated by limiting the input signal
spectrum to less than fs 2
In some cases it may be necessary to use a bandwidth
limiting filter (often a simple passive RC low-pass) ahead of
the bandpass input Although the summing amplifier uses
switched-capacitor techniques it does not exhibit aliasing
behavior and the anti-aliasing filter need not be in its input
signal path The filter can be placed ahead of pin 12 as
shown in
Figure 4 with the non-band limited input signal
applied to pin 11 The output spectrum will therefore be
wideband although limited by the bandwidth of the sum-
ming amplifier’s output buffer amplifier (typically 1 MHz)
even if fCLK is less than 1 MHz Phase shift in the anti-alias-
ing filter will affect the accuracy of the notch transfer func-
tion however so it is best to use the highest available
clock-to-center-frequency ratio (1001) and set the RC filter
cutoff frequency to about 15 to 20 times the notch frequen-
cy This will provide reasonable attenuation of high-frequen-
cy input signals while avoiding degradation of the overall
notch response If the anti-aliasing filter’s cutoff frequency is
too low it will introduce phase shift and gain errors large
enough to shift the frequency of the notch and reduce its
depth A cutoff frequency that is too high may not provide
sufficient attenuation of unwanted high-frequency signals
TLH10354 – 7
FIGURE 3 Output waveform of a switched-capacitor
filter Note the voltage steps caused by sampling
at the clock frequency
TLH10354 – 8
FIGURE 4 Using a simple passive low-pass filter to prevent aliasing in the presence of high-frequency input signals
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com