Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMF90CIWM Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMF90CIWM
Description  4th-Order Elliptic Notch Filter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMF90CIWM Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LMF90CIWM Datasheet HTML 10Page - National Semiconductor (TI) LMF90CIWM Datasheet HTML 11Page - National Semiconductor (TI) LMF90CIWM Datasheet HTML 12Page - National Semiconductor (TI) LMF90CIWM Datasheet HTML 13Page - National Semiconductor (TI) LMF90CIWM Datasheet HTML 14Page - National Semiconductor (TI) LMF90CIWM Datasheet HTML 15Page - National Semiconductor (TI) LMF90CIWM Datasheet HTML 16Page - National Semiconductor (TI) LMF90CIWM Datasheet HTML 17Page - National Semiconductor (TI) LMF90CIWM Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
20 Applications Information (Continued)
NOISE
Switched-capacitor filters have two kinds of noise at their
outputs There is a random ‘‘thermal’’ noise component
whose level is typically on the order of hundreds of micro-
volts The other kind of noise is digital clock feedthrough
This will have an amplitude in the vicinity of 50 mV peak-to-
peak In some applications the clock noise frequency is so
high compared to the signal frequency that it is unimportant
In other cases clock noise may have to be removed from
the output signal with for example a passive low-pass filter
at the LMF90’s output pin
CLOCK FREQUENCY LIMITATIONS
The performance characteristics of a switched-capacitor fil-
ter depend on the switching (clock) frequency At very low
clock frequencies (below 10 Hz) the time between clock
cycles is relatively long and small parasitic leakage currents
cause the internal capacitors to discharge sufficiently to af-
fect the filter’s offset voltage and gain This effect becomes
more pronounced at elevated operating temperatures
At higher clock frequencies performance deviations are pri-
marily due to the reduced time available for the internal op-
erational amplifiers to settle Best performance with high
clock frequencies will be obtained when the filter clock’s
duty cycle is 50% The clock frequency divider when used
provides a 50% duty cycle clock to the filter but when an
external clock is applied to CLK it should have a duty cycle
close to 50% for best performance
Input Impedance
The input to the bandpass section of the LMF90 (VIN1)is
similar to the switched-capacitor circuit shown in
Figure 5
During the first half of a clock cycle the i1 switch closes
charging CIN to the input voltage VIN During the second
half-cycle the i2 switch closes and the charge on CIN is
transferred to the feedback capacitor At frequencies well
below the clock frequency the input impedance approxi-
mates a resistor whose value is
RIN e
1
CIN fCLK
At the bandpass filter input CIN is nominally 30 pF For a
worst-case calculation of effective RIN assume CIN e
30 pF and fCLK e 15 MHz Thus
RIN (Min) e
1
4 5x10b6
e
222 kX
At the maximum clock frequency of 15 MHz the lowest
typical value for the effective RIN at the VIN1 input is there-
fore 222 kX Note that RIN increases as fCLK decreases so
the input impedance will be greater than or equal to this
value Source impedance should be low enough that this
input impedance doesn’t significantly affect gain
The summing amplifier input impedance at VIN2 is calculat-
ed in a similar manner except that CIN e 50 pF This yields
a minimum input impedance of 133 kX at VIN2 When both
inputs are connected together the combined input imped-
ance will be 833 kX with a 15 MHz filter clock
TLH10354 – 9
FIGURE 5 Simplified LMF90 bandpass section input
stage At frequencies well below the center frequency
the input impedance appears to be resistive
25 POWER SUPPLY AND CLOCK OPTIONS
The LMF90 is designed to operate from either single or dual
power supply voltages from 5V to 15V In either case the
supply pins should be well-bypassed to minimize any feed-
through of power supply noise into the filter’s signal path
Such feedthrough can significantly reduce the depth of the
notch For operation from dual supply voltages connect V
b
(pin 8) to the negative supply GND (pin 13) to the system
ground and V
a
to the positive supply
For single supply operation simply connect V
b
to system
ground and GND (Pin 13) to a ‘‘clean’’ reference voltage at
mid-supply This reference voltage can be developed with a
pair of resistors and a capacitor as shown in
Figures 10
through
16 Note that for single supply operation the three-
level logic inputs should be connected to system ground
and V
a
2 instead of V
b
and GND The CLK input will oper-
ate properly with TTL-level clock signals when the LMF90 is
powered from either single or dual supplies because it has
two TTL thresholds one referred to the V
b
pin and one
referred to the GND pin XLS should be connected to the
V
b
pin when an external TTL clock is used
Figures 6
through
16 illustrate a wide variety of power supply and
clock options
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com