Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S4261PAS Datasheet(PDF) 9 Page - Summit Microelectronics, Inc.

Part # S4261PAS
Description  Dual Voltage Supervisory Circuit With Watchdog Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S4261PAS Datasheet(HTML) 9 Page - Summit Microelectronics, Inc.

Back Button S4261PAS Datasheet HTML 5Page - Summit Microelectronics, Inc. S4261PAS Datasheet HTML 6Page - Summit Microelectronics, Inc. S4261PAS Datasheet HTML 7Page - Summit Microelectronics, Inc. S4261PAS Datasheet HTML 8Page - Summit Microelectronics, Inc. S4261PAS Datasheet HTML 9Page - Summit Microelectronics, Inc. S4261PAS Datasheet HTML 10Page - Summit Microelectronics, Inc. S4261PAS Datasheet HTML 11Page - Summit Microelectronics, Inc. S4261PAS Datasheet HTML 12Page - Summit Microelectronics, Inc. S4261PAS Datasheet HTML 13Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
S4242/S42WD42/S4261/S42WD61
9
2025 6.0 4/17/00
FIGURE 10. PAGE/BYTE WRITE MODE
WRITE OPERATIONS
The S42xxx allows two types of write operations: byte
write and page write. The byte write operation writes a
single byte during the nonvolatile write period (tWR). The
page write operation allows up to 16 bytes in the same
page to be written during tWR.
Byte WRITE
After the slave address is sent (to identify the slave
device, specify high order word address and a read or
write operation), a second byte is transmitted which
contains the low 8 bit addresses of any one of the 2,048
words in the array.
Upon receipt of the word address, the S42xxx responds
with an ACKnowledge. After receiving the next byte of
data, it again responds with an ACKnowledge. The mas-
ter then terminates the transfer by generating a STOP
condition, at which time the S42xxx begins the internal
write cycle.
While the internal write cycle is in progress, the S42xxx
inputs are disabled, and the device will not respond to any
requests from the master. Refer to Figure 10 for the
address, ACKnowledge and data transfer sequence.
Page WRITE
The S42xxx is capable of a 16-byte page write operation.
It is initiated in the same manner as the byte-write opera-
tion, but instead of terminating the write cycle after the first
data word, the master can transmit up to 15 more words
of data. After the receipt of each word, the S42xxx will
respond with an ACKnowledge.
The S42xxx automatically increments the address for
subsequent data words. After the receipt of each word,
the four low order address bits are internally incremented
by one. The high order five bits of the address byte remain
constant. Should the master transmit more than sixteen
words, prior to generating the STOP condition, the ad-
dress counter will “roll over,” and the previously written
data will be overwritten. As with the byte-write operation,
all inputs are disabled during the internal write cycle.
Refer to Figure 10 for the address, ACKnowledge and
data transfer sequence.
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
A
7
A
6
A
5
A
4
A
3
A
2
A
1
A
0
D
7
D
5
D
6
D
4
D
0
D
3
D
2
D
1
S
T
A
R
T
Word Address
Data Byte n
Data Byte n+15
S
T
O
P
A
C
K
Acknowledges Transmitted from
42xxx to Master Receiver
Slave Address
Device
Type
Address
Read/Write
0= Write
A10,A9,A8
SDA
Bus
Activity
A
C
K
A
C
K
Master Sends Read
Request to Slave
Master Writes Word
Address to Slave
1 0 1 0
0
Data Byte n+1
A
C
K
Master Writes
Data to Slave
Master Transmitter
to
Slave Receiver
Slave Transmitter
to
Master Receiver
Slave Transmitter
to
Master Receiver
Master Transmitter
to
Slave Receiver
Master Transmitter
to
Slave Receiver
Shading Denotes
42xxx
SDA Output Active
Master Transmitter
to
Slave Receiver
Slave Transmitter
to
Master Receiver
Slave Transmitter
to
Master Receiver
Master Transmitter
to
Slave Receiver
Slave Transmitter
to
Master Receiver
Master Writes
Data to Slave
Master Writes
Data to Slave
Acknowledges Transmitted from
42xxx to Master Receiver
If single byte-write only,
Stop bit issued here.
A
10
A
9
R
W
A
C
K
A
8
2025 ILL10.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com