Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S4261PAS Datasheet(PDF) 10 Page - Summit Microelectronics, Inc.

Part # S4261PAS
Description  Dual Voltage Supervisory Circuit With Watchdog Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S4261PAS Datasheet(HTML) 10 Page - Summit Microelectronics, Inc.

Back Button S4261PAS Datasheet HTML 6Page - Summit Microelectronics, Inc. S4261PAS Datasheet HTML 7Page - Summit Microelectronics, Inc. S4261PAS Datasheet HTML 8Page - Summit Microelectronics, Inc. S4261PAS Datasheet HTML 9Page - Summit Microelectronics, Inc. S4261PAS Datasheet HTML 10Page - Summit Microelectronics, Inc. S4261PAS Datasheet HTML 11Page - Summit Microelectronics, Inc. S4261PAS Datasheet HTML 12Page - Summit Microelectronics, Inc. S4261PAS Datasheet HTML 13Page - Summit Microelectronics, Inc. S4261PAS Datasheet HTML 14Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
S4242/S42WD42/S4261/S42WD61
2025 6.0 4/17/00
FIGURE 12. CURRENT ADDRESS BYTE READ MODE
FIGURE 11. ACKNOWLEDGE POLLING
Acknowledge Polling
When the S42xxx is performing an internal WRITE opera-
tion, it will ignore any new START conditions. Since the
device will only return an acknowledge after it accepts the
START, the part can be continuously queried until an
acknowledge is issued, indicating that the internal WRITE
cycle is complete.
To poll the device, give it a START condition, followed by
a slave address for a WRITE operation (See Figure 9).
READ OPERATIONS
Read operations are initiated with the R/W bit of the
identification field set to “1.” There are four different read
options:
1.
Current Address Byte Read
2.
Random Address Byte Read
3.
Current Address Sequential Read
4.
Random Address Sequential Read
Current Address Byte Read
The S42xxx contains an internal address counter which
maintains the address of the last word accessed,
incremented by one. If the last address accessed (either
a read or write) was to address location n, the next read
operation would access data from address location n+1
and increment the current address pointer. When the
S42xxx receives the slave address field with the R/W bit
set to “1,” it issues an acknowledge and transmits the 8-
bit word stored at address location n+1.
The current address byte read operation only accesses a
single byte of data. The master does not acknowledge the
transfer, but does generate a stop condition. At this point,
the S42xxx discontinues data transmission. See
Figure 12 for the address acknowledge and data transfer
sequence.
Issue Start
Internal WRITE Cycle
In Progress;
Begin ACK Polling
Issue Slave
Address and
R/W = 0
ACK
Returned?
Next
operation a
WRITE?
Issue Byte
Address
Proceed with
WRITE
Issue Stop
Await Next
Command
Issue Stop
No
No
Yes (Internal WRITE Cycle is completed)
Yes
2025 ILL11.0
S
T
A
R
T
S
T
O
P
Slave Address
Device
Type
Address
Read/Write
1= Read
A10,A9,A8
SDA Bus Activity
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Master sends Read
request to Slave
Slave sends
Data to Master
Master Transmitter
to
Slave Receiver
Slave Transmitter
to
Master Receiver
1
1
1
00
1
Lack of ACK (low)
from Master
determines last
data byte to be read
1
Shading Denotes
42xxx
SDA Output Active
A
9
A
10
R
W
A
C
K
A
8
Data Byte
2025 ILL12.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com