Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S4261PAS Datasheet(PDF) 3 Page - Summit Microelectronics, Inc.

Part # S4261PAS
Description  Dual Voltage Supervisory Circuit With Watchdog Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S4261PAS Datasheet(HTML) 3 Page - Summit Microelectronics, Inc.

  S4261PAS Datasheet HTML 1Page - Summit Microelectronics, Inc. S4261PAS Datasheet HTML 2Page - Summit Microelectronics, Inc. S4261PAS Datasheet HTML 3Page - Summit Microelectronics, Inc. S4261PAS Datasheet HTML 4Page - Summit Microelectronics, Inc. S4261PAS Datasheet HTML 5Page - Summit Microelectronics, Inc. S4261PAS Datasheet HTML 6Page - Summit Microelectronics, Inc. S4261PAS Datasheet HTML 7Page - Summit Microelectronics, Inc. S4261PAS Datasheet HTML 8Page - Summit Microelectronics, Inc. S4261PAS Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
S4242/S42WD42/S4261/S42WD61
3
2025 6.0 4/17/00
FIGURE 2. START AND STOP CONDITIONS
FIGURE 1. BUS TIMING
CAPACITANCE
TA = 25°C, f = 100KHz
Symbol
Parameter
Max
Units
CIN
Input Capacitance
5
pF
COUT
Output Capacitance
8
pF
2025 PGM T4.0
tF
tR
tLOW
tHIGH
tHD:SDA
tSU:SDA
tBUF
tDH
tHD:DAT
tSU:DAT
tSU:STO
SCL
SDA In
SDA Out
tAA
2025 Fig01 1.0
2025 Fig02 1.0
SCL
SDA In
START
Condition
STOP
Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com