Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6718 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6718
Description  Dual, High Output, Programmable Gain Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6718 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMH6718 Datasheet HTML 1Page - National Semiconductor (TI) LMH6718 Datasheet HTML 2Page - National Semiconductor (TI) LMH6718 Datasheet HTML 3Page - National Semiconductor (TI) LMH6718 Datasheet HTML 4Page - National Semiconductor (TI) LMH6718 Datasheet HTML 5Page - National Semiconductor (TI) LMH6718 Datasheet HTML 6Page - National Semiconductor (TI) LMH6718 Datasheet HTML 7Page - National Semiconductor (TI) LMH6718 Datasheet HTML 8Page - National Semiconductor (TI) LMH6718 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
+5V Electrical Characteristics (Note 2) (Continued)
A
V = +2, RL = 100
Ω,V
S = +5V (Note 4), Unless Specified. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
C
IN
Input Capacitance
(Non-Inverting)
2.2
pF
V
CMH
Input Voltage Range, High
4.2
V
V
CML
Input Voltage Range, Low
0.8
V
V
ROH
Output Voltage Range, High
R
L = 100
Ω
3.6
3.5
4.0
V
V
ROL
Output Voltage Range, Low
R
L = 100
Ω
1.4
1.3
1.0
V
V
ROH
Output Voltage Range, High
R
L = ∞
4.1
V
V
ROL
Output Voltage Range, Low
R
L = ∞
0.9
V
I
O
Output Current (Note 3)
170
mA
R
O
Output Resistance, Closed Loop
DC
.28
Ω
±5V Electrical Characteristics (Note 2)
A
V = +2, RL = 100
Ω,V
CC = ±5V; Unless Specified. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Frequency Domain Response
SSBW
-3dB Bandwidth
V
O =1.0VPP
100
130
MHz
V
O =4.0VPP
70
SSBW
−0.1dB Bandwidth
V
O = 1.0VPP
30
MHz
GFP
Gain Peaking
<200MHz, V
O = 1.0VPP
0dB
GFR
Gain Rolloff
<300MHz, V
O = 1.0VPP
0.1
dB
LPD
Linear Phase Deviation
<30MHz, V
O = 1.0VPP
0.1
deg
DG
Differential Gain
NTSC, R
L = 150
Ω
.04
%
DP
Differential Phase
NTSC, R
L = 150
Ω
.03
deg
Time Domain Response
Tr
Rise and Fall Time
2V Step
4.2
ns
Ts
Settling Time to 0.05%
2V Step
17
ns
OS
Overshoot
2V Step
14
%
SR
Slew Rate
2V Step
400
600
V/µs
Distortion And Noise Response
HD2
2nd Harmonic Distortion
2V
PP,1MHz
−84
dBc
2V
PP, 1MHz; RL =1k
Ω
−88
2V
PP, 5MHz
−73
HD3
3rd Harmonic Distortion
2V
PP,1MHz
−84
dBc
2V
PP, 1MHz; RL =1k
Ω
−98
2V
PP, 5MHz
−76
Equivalent Input Noise
V
N
Voltage (e
ni)
>1MHz
8
nV/
I
NN
Non-Inverting Current (i
bn)
>1MHz
9
pA/
XTLKA
Crosstalk (Input Referred)
10MHz, 1V
PP
−85
dB
Static, DC Performance
V
IO
Input Offset Voltage
.2
±9.5
±15
mV
DV
IO
Average Drift
5
µV/˚C
I
BN
Input Bias Current
(Non-Inverting)
1.3
±15
±20
µA
DI
BN
Average Drift
12
nA/˚C
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com