Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6718 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6718
Description  Dual, High Output, Programmable Gain Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6718 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMH6718 Datasheet HTML 1Page - National Semiconductor (TI) LMH6718 Datasheet HTML 2Page - National Semiconductor (TI) LMH6718 Datasheet HTML 3Page - National Semiconductor (TI) LMH6718 Datasheet HTML 4Page - National Semiconductor (TI) LMH6718 Datasheet HTML 5Page - National Semiconductor (TI) LMH6718 Datasheet HTML 6Page - National Semiconductor (TI) LMH6718 Datasheet HTML 7Page - National Semiconductor (TI) LMH6718 Datasheet HTML 8Page - National Semiconductor (TI) LMH6718 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
±5V Electrical Characteristics (Note 2) (Continued)
A
V = +2, RL = 100
Ω,V
CC = ±5V; Unless Specified. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
GACC
Gain Accuracy
±0.3
±1.5
±2.0
%
Internal Resistor (R
F,RG)
750
950
1150
Ω
PSRR
Power Supply Rejection Ratio
DC
50
62
dB
CMRR
Common Mode Rejection Ratio
DC
52
49
57
dB
I
CC
Supply Current per channel
R
L = ∞
2.2
2.1
2.6
3.3
3.4
mA
Miscellaneous Performance
R
IN
Input Resistance (Non-Inverting)
0.50
M
Ω
C
IN
Input Capacitance
(Non-Inverting)
1.9
pF
CMVR
Common-Mode Voltage Range
±4.2
V
V
RO
Output Voltage Range
R
L = 100
Ω
3.6
3.5
±3.8
V
V
RO
Output Voltage Range
R
L = ∞
±4.0
V
I
O
Output Current (Note 3)
200
mA
R
O
Output Resistance, Closed Loop
DC
.28
Ω
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications, see the Electrical Characteristics tables.
Note 2: Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very limited self-heating of
the device such that TJ =TA. No guarantee of parametric performance is indicated in the electrical tables under conditions of internal self heating where TJ > TA.
See Applications Section for information on temperature de-rating of this device." Min/Max ratings are based on product characterization and simulation. Individual
parameters are tested as noted.
Note 3: The maximum current is determined by device power dissipation limitations. See the Power Dissipation section of the Application Division for more details.
Note 4: VS =VCC −VEE
Note 5: Human body model, 1.5k
Ω in series with 100pF. Machine model, 0Ω In series with 200pF.
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
8-pin SOIC
LMH6718MA
LMH6718MA
Rails
M08A
LMH6718IMAX
2.5k Units Tape and Reel
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com