Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6718 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6718
Description  Dual, High Output, Programmable Gain Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6718 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMH6718 Datasheet HTML 8Page - National Semiconductor (TI) LMH6718 Datasheet HTML 9Page - National Semiconductor (TI) LMH6718 Datasheet HTML 10Page - National Semiconductor (TI) LMH6718 Datasheet HTML 11Page - National Semiconductor (TI) LMH6718 Datasheet HTML 12Page - National Semiconductor (TI) LMH6718 Datasheet HTML 13Page - National Semiconductor (TI) LMH6718 Datasheet HTML 14Page - National Semiconductor (TI) LMH6718 Datasheet HTML 15Page - National Semiconductor (TI) LMH6718 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Application Section (Continued)
LOAD TERMINATION
The LMH6718 can source and sink nearly equal amounts of
current.
DRIVING CABLES AND CAPACITIVE LOADS
When driving cables, double termination is used to prevent
reflections. For capacitive load applications, a small series
resistor at the output of the LMH6718 will improve stability
and settling performance. The Suggested R
S vs. CL plot,
shown below in Figure 10, gives the recommended series
resistance value for optimum flatness at various capacitive
loads.
TRANSMISSION LINE MATCHING
One method for matching the characteristic impedance (Z
O)
of a transmission line or cable is to place the appropriate
resistor at the input or output of the amplifier. Figure 11
shows typical inverting and non-inverting circuit configura-
tions for matching transmission lines.
Non-Inverting gain applications:
•
Connect pin 2 as indicated in the table in the Closed
Loop Gain Selection section.
•
Make R
1,R2,R6, and R7 equal to ZO.
•
Use R
3 to isolate the amplifier from reactive loading
caused by the transmission line, or by parasitics.
Inverting gain applications:
•
Connect R
3 directly to ground.
•
Make the resistors R
4,R6, and R7 equal to ZO.
•
Make R
5 \ Rg =ZO.
The input and output matching resistors attenuate the signal
by a factor of 2, therefore additional gain is needed. Use C6
to match the output transmission line over a greater fre-
quency range. C6 compensates for the increase of the am-
plifier’s output impedance with frequency.
20040145
FIGURE 7. Dual Supply, A
V = −1V/V Configuration
20040146
FIGURE 8. Dual Supply, A
V = +1V/V Configuration
20040147
FIGURE 9. Dual Supply, A
V = +2V/V Configuration
20040166
FIGURE 10. Suggested R
S vs. CL
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com