Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC104.07.0165C Datasheet(PDF) 7 Page - Taoglas antenna solutions

Part # PC104.07.0165C
Description  RoHS Compliant
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PC104.07.0165C Datasheet(HTML) 7 Page - Taoglas antenna solutions

Back Button PC104.07.0165C Datasheet HTML 2Page - Taoglas antenna solutions PC104.07.0165C Datasheet HTML 3Page - Taoglas antenna solutions PC104.07.0165C Datasheet HTML 4Page - Taoglas antenna solutions PC104.07.0165C Datasheet HTML 5Page - Taoglas antenna solutions PC104.07.0165C Datasheet HTML 6Page - Taoglas antenna solutions PC104.07.0165C Datasheet HTML 7Page - Taoglas antenna solutions PC104.07.0165C Datasheet HTML 8Page - Taoglas antenna solutions PC104.07.0165C Datasheet HTML 9Page - Taoglas antenna solutions PC104.07.0165C Datasheet HTML 10Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SPE-13-8-012/B/PK | page 7 of 10
Radiation Patterns
Z
Y
Y
Z
824MHz
880MHz
960MHz
1710MHz
1880MHz
1990MHz
2170MHz
X
Y
Y
 
 
XZ Plane
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com