Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC104.07.0165C Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # PC104.07.0165C
Description  RoHS Compliant
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PC104.07.0165C Datasheet(HTML) 2 Page - Taoglas antenna solutions

  PC104.07.0165C Datasheet HTML 1Page - Taoglas antenna solutions PC104.07.0165C Datasheet HTML 2Page - Taoglas antenna solutions PC104.07.0165C Datasheet HTML 3Page - Taoglas antenna solutions PC104.07.0165C Datasheet HTML 4Page - Taoglas antenna solutions PC104.07.0165C Datasheet HTML 5Page - Taoglas antenna solutions PC104.07.0165C Datasheet HTML 6Page - Taoglas antenna solutions PC104.07.0165C Datasheet HTML 7Page - Taoglas antenna solutions PC104.07.0165C Datasheet HTML 8Page - Taoglas antenna solutions PC104.07.0165C Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SPE-13-8-012/B/PK | page 2 of 10
The high efficiency PC104 Penta-band
PCB antenna’s slim-line design allows
for convenient installation inside the
customer device. Omni-directional
gain across all bands ensures
constant reception and transmission.
With its unique dipole design, the PC104
has exceptional industry performance
characteristics considering its very low
profile at 2.4mm and has a compact size
80mm*20mm. It is suitable for clients that
appreciate highest performance with
lower price.
This antenna has 3M adhesive on the back,
and is tuned and designed to be mounted
on 2mm thickness plastic (not on metal).
Cable lengths and connectors are
fully customizable. However for good
efficiency performance the shortest
cable length should not be less than
100mm, for requirements with shorter
cable lengths the alternative product
the FXP.14 can be used.
1. Introduction
2. Specification
Electrical
GSM Band
GSM 850
GSM 900
DCS
PCS
WCDMA I
Frequency (MHz)
824~896
880~960
1710~1880
1850~1990
1920~2170
Peak Gain (dBi)*
0.77
0.99
2.26
2.13
2.39
Average Gain (dBi)*
-3.26
-2.92
-1.32
-1.59
-1.52
Efficiency (%)*
47
51
73
69
70
Return Loss (dB)*
< -7
< -5
< -10
< -10
< -10
Polarization
Linear
Impedance
50Ω
Mechanical
Antenna Dimensions
80mm x 20mm x 1mm
Material
FR4
Cable type
Ø1.37 Coaxial Cable
Cable length
164.9mm
Connector type
IPEX
Adhesive
3M 467
Environmental
Operation Temp.
-40°C ~ +85°C
Storage Temp.
-40°C ~ +85°C
* Antenna is tested on a 2mm thickness ABS material base substrate.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com