Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC104.07.0165C Datasheet(PDF) 9 Page - Taoglas antenna solutions

Part # PC104.07.0165C
Description  RoHS Compliant
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PC104.07.0165C Datasheet(HTML) 9 Page - Taoglas antenna solutions

Back Button PC104.07.0165C Datasheet HTML 2Page - Taoglas antenna solutions PC104.07.0165C Datasheet HTML 3Page - Taoglas antenna solutions PC104.07.0165C Datasheet HTML 4Page - Taoglas antenna solutions PC104.07.0165C Datasheet HTML 5Page - Taoglas antenna solutions PC104.07.0165C Datasheet HTML 6Page - Taoglas antenna solutions PC104.07.0165C Datasheet HTML 7Page - Taoglas antenna solutions PC104.07.0165C Datasheet HTML 8Page - Taoglas antenna solutions PC104.07.0165C Datasheet HTML 9Page - Taoglas antenna solutions PC104.07.0165C Datasheet HTML 10Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SPE-13-8-012/B/PK | page 9 of 10
6. Application Note
Return Loss
Antenna Efficiency
We measured PC.104 antenna with different cable length, the results as below,
 
 
0
-10
-20
-30
-40
90
80
70
60
50
40
30
20
10
800
1000
1200
1400
1600
1800
2000
2200
(MHz)
500
1000
1500
2000
2500
(MHz)
100mm
150mm
130mm
500mm
300mm
1M
2M
100mm
150mm
130mm
500mm
300mm
1M
2M
 



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com