Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR391BUJZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADR391BUJZ-R2
Description  Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR391BUJZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADR391BUJZ-R2 Datasheet HTML 3Page - Analog Devices ADR391BUJZ-R2 Datasheet HTML 4Page - Analog Devices ADR391BUJZ-R2 Datasheet HTML 5Page - Analog Devices ADR391BUJZ-R2 Datasheet HTML 6Page - Analog Devices ADR391BUJZ-R2 Datasheet HTML 7Page - Analog Devices ADR391BUJZ-R2 Datasheet HTML 8Page - Analog Devices ADR391BUJZ-R2 Datasheet HTML 9Page - Analog Devices ADR391BUJZ-R2 Datasheet HTML 10Page - Analog Devices ADR391BUJZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADR390/ADR391/ADR392/ADR395
Rev. F | Page 7 of 20
ABSOLUTE MAXIMUM RATINGS
At 25°C, unless otherwise noted.
Table 6.
Parameter
Rating
Supply Voltage
18 V
Output Short-Circuit Duration to GND
See derating
curves
Storage Temperature Range
–65°C to +125°C
Operating Temperature Range
–40°C to +125°C
Junction Temperature Range
–65°C to +125°C
Lead Temperature Range
(Soldering, 60 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θ
JA
is specified for the worst-case conditions, that is, θJA is
specified for a device soldered in a circuit board for surface-
mount packages.
Table 7. Thermal Resistance
Package Type
θJA
θJC
Unit
TSOT-23-5 (UJ-5)
230
146
°C/W
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com