Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR391BUJZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # ADR391BUJZ-R2
Description  Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR391BUJZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADR391BUJZ-R2 Datasheet HTML 12Page - Analog Devices ADR391BUJZ-R2 Datasheet HTML 13Page - Analog Devices ADR391BUJZ-R2 Datasheet HTML 14Page - Analog Devices ADR391BUJZ-R2 Datasheet HTML 15Page - Analog Devices ADR391BUJZ-R2 Datasheet HTML 16Page - Analog Devices ADR391BUJZ-R2 Datasheet HTML 17Page - Analog Devices ADR391BUJZ-R2 Datasheet HTML 18Page - Analog Devices ADR391BUJZ-R2 Datasheet HTML 19Page - Analog Devices ADR391BUJZ-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADR390/ADR391/ADR392/ADR395
Rev. F | Page 17 of 20
APPLICATIONS
BASIC VOLTAGE REFERENCE CONNECTION
The circuit shown in Figure 41 illustrates the basic configuration
for the ADR39x family. Decoupling capacitors are not required
for circuit stability. The ADR39x family is capable of driving
capacitive loads from 0 µF to 10 µF. However, a 0.1 µF ceramic
output capacitor is recommended to absorb and deliver the
charge, as required by a dynamic load.
SHUTDOWN
INPUT
CB
0.1
µF
CB
0.1
µF
*
*
OUTPUT
*NOT REQUIRED
ADR39x
SHDN
VIN
VOUT(S)
GND
VOUT(F)
Figure 41. Basic Configuration for the ADR39x Family
Stacking Reference ICs for Arbitrary Outputs
Some applications may require two reference voltage sources,
which are a combined sum of standard outputs. Figure 42 shows
how this stacked output reference can be implemented.
VOUT(F)
VOUT(S)
GND
VIN
VOUT2
VOUT1
U2
1
2
3
4
5
U1
C2
0.1
µF
VIN
3
4
1
2
C2
0.1
µF
VOUT(F)
VOUT(S)
GND
VIN
5
OUTPUT TABLE
U1/U2
ADR390/ADR390
ADR391/ADR391
ADR392/ADR392
ADR395/ADR395
VOUT1 (V)
2.048
2.5
4.096
5
VOUT2 (V)
4.096
5.0
8.192
10
SHDN
SHDN
Figure 42. Stacking Voltage References with the
ADR390/ADR391/ADR392/ADR395
Two reference ICs are used, fed from an unregulated input, VIN.
The outputs of the individual ICs are simply connected in
series, which provides two output voltages, VOUT1 and VOUT2.
VOUT1 is the terminal voltage of U1, while VOUT2 is the sum of
this voltage and the terminal voltage of U2. U1 and U2 are
simply chosen for the two voltages that supply the required
outputs (see the Output Table in Figure 42). For example, if
both U1 and U2 are ADR391s, VOUT1 is 2.5 V and VOUT2 is 5.0 V.
While this concept is simple, a precaution is required. Since the
lower reference circuit must sink a small bias current from U2
plus the base current from the series PNP output transistor in
U2, either the external load of U1 or R1 must provide a path for
this current. If the U1 minimum load is not well defined, the R1
resistor should be used and set to a value that will conservatively
pass 600 µA of current with the applicable VOUT1 across it. Note
that the two U1 and U2 reference circuits are treated locally as
macrocells; each has its own bypasses at input and output for
best stability. Both U1 and U2 in this circuit can source dc
currents up to their full rating. The minimum input voltage,
VIN, is determined by the sum of the outputs, VOUT2, plus the
dropout voltage of U2.
A Negative Precision Reference without Precision
Resistors
A negative reference can be easily generated by adding an A1 op
amp and is configured as shown in Figure 43. VOUTF and VOUTS
are at virtual ground and, therefore, the negative reference can
be taken directly from the output of the op amp. The op amp
must be dual-supply, low offset, and rail-to-rail if the negative
supply voltage is close to the reference output.
+VDD
–VDD
–VREF
VOUT(S)
VOUT(F)
VIN
GND
A1
2
4
3
5
1
SHDN
Figure 43. Negative Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com