Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR391BUJZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADR391BUJZ-R2
Description  Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR391BUJZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADR391BUJZ-R2 Datasheet HTML 6Page - Analog Devices ADR391BUJZ-R2 Datasheet HTML 7Page - Analog Devices ADR391BUJZ-R2 Datasheet HTML 8Page - Analog Devices ADR391BUJZ-R2 Datasheet HTML 9Page - Analog Devices ADR391BUJZ-R2 Datasheet HTML 10Page - Analog Devices ADR391BUJZ-R2 Datasheet HTML 11Page - Analog Devices ADR391BUJZ-R2 Datasheet HTML 12Page - Analog Devices ADR391BUJZ-R2 Datasheet HTML 13Page - Analog Devices ADR391BUJZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADR390/ADR391/ADR392/ADR395
Rev. F | Page 10 of 20
INPUT VOLTAGE (V)
140
57
9
11
15
120
100
60
40
80
13
+125
°C
+25
°C
–40
°C
Figure 9. ADR392 Supply Current vs. Input Voltage
INPUT VOLTAGE (V)
140
5.5
7.0
8.5
10.0
14.5
120
100
60
40
80
13.0
+125
°C
+25
°C
–40
°C
11.5
Figure 10. ADR395 Supply Current vs. Input Voltage
TEMPERATURE (
°C)
0
–40
–10
20
50
80
125
20
40
60
80
100
120
110
VIN = 3.0V
VIN = 5.0V
IL= 0mA TO 5mA
Figure 11. ADR390 Load Regulation vs. Temperature
TEMPERATURE (
°C)
80
–40
–10
50
80
110
125
100
120
140
160
180
VIN = 5.0V
VIN = 3.0V
IL= 0mA TO 5mA
20
Figure 12. ADR391 Load Regulation vs. Temperature
TEMPERATURE (
°C)
90
–40
–5
30
65
125
80
70
50
40
60
VIN = 7.5V
100
VIN = 5V
IL= 0mA TO 5mA
Figure 13. ADR392 Load Regulation vs. Temperature
TEMPERATURE (
°C)
80
–40
–5
30
65
125
70
60
40
30
50
VIN = 7.5V
100
VIN = 5V
IL= 0mA TO 5mA
Figure 14. ADR395 Load Regulation vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com