Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR395BUJZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADR395BUJZ-R2
Description  Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR395BUJZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADR395BUJZ-R2 Datasheet HTML 4Page - Analog Devices ADR395BUJZ-R2 Datasheet HTML 5Page - Analog Devices ADR395BUJZ-R2 Datasheet HTML 6Page - Analog Devices ADR395BUJZ-R2 Datasheet HTML 7Page - Analog Devices ADR395BUJZ-R2 Datasheet HTML 8Page - Analog Devices ADR395BUJZ-R2 Datasheet HTML 9Page - Analog Devices ADR395BUJZ-R2 Datasheet HTML 10Page - Analog Devices ADR395BUJZ-R2 Datasheet HTML 11Page - Analog Devices ADR395BUJZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADR390/ADR391/ADR392/ADR395
Rev. F | Page 8 of 20
TERMINOLOGY
Temperature Coefficient
The change of output voltage with respect to operating temp-
erature changes normalized by the output voltage at 25°C. This
parameter is expressed in ppm/°C and can be determined by the
following equation:
[]
()
( )
()
()
6
10
–
25
–
×
×
°
=
°
1
2
O
1
O
2
O
O
T
T
C
V
T
V
T
V
C
/
ppm
TCV
where:
VO
(25°C) = VO at 25°C
VO
(T1) = VO at Temperature 1
VO
(T2) = VO at Temperature 2
Line Regulation
The change in output voltage due to a specified change in input
voltage. This parameter accounts for the effects of self-heating.
Line regulation is expressed in either percent per volt, parts-
per-million per volt, or microvolts per volt change in input
voltage.
Load Regulation
The change in output voltage due to a specified change in load
current. This parameter accounts for the effects of self-heating.
Load regulation is expressed in either microvolts per milli-
ampere, parts-per-million per milliampere, or ohms of dc
output resistance.
Long-Term Stability
Typical shift of output voltage at 25°C on a sample of parts
subjected to a test of 1,000 hours at 25°C.
∆
VO
= VO(t0) – VO(t1)
[]
()
()
()
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
=
∆
6
10
–
0
O
1
O
0
O
O
t
V
t
V
t
V
ppm
V
where:
VO (T0) = VO at 25°C at Time 0
VO (T1) = VO at 25°C after 1,000 hours operation at 25°C
Thermal Hysteresis
The change of output voltage after the device is cycled through
temperatures from +25°C to –40°C to +125°C and back to
+25°C. This is a typical value from a sample of parts put
through such a cycle.
VO_HYS = VO(25°C) – VO_TC
[]
(
)
()
6
10
25
–
25
×
°
°
=
C
V
V
C
V
ppm
V
O
O_TC
O
O_HYS
where:
VO (25°C) = VO at 25°C
VO_TC = VO at 25°C after a temperature cycle from + 25°C
to –40°C to +125°C and back to +25°C
NOTES
Input Capacitor
Input capacitors are not required on the ADR39x. There is no
limit for the value of the capacitor used on the input, but a
1 µF to 10 µF capacitor on the input improves transient
response in applications where the supply suddenly changes.
An additional 0.1 µF in parallel also helps reduce noise
from the supply.
Output Capacitor
The ADR39x does not require output capacitors for stability
under any load condition. An output capacitor, typically 0.1 µF,
filters out any low level noise voltage and does not affect the
operation of the part. On the other hand, the load transient
response can improve with the addition of a 1 µF to 10 µF
output capacitor in parallel. A capacitor here acts as a source of
stored energy for a sudden increase in load current. The only
parameter that degrades by adding an output capacitor is the
turn-on time, and it depends on the size of the capacitor
chosen.
–150
150
TIME (Hours)
0
–100
–50
0
50
100
100
200
300
400
500
600
700
1000
900
800
Figure 2. ADR391 Typical Long-Term Drift over 1,000 Hours



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com