Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR395BUJZ-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # ADR395BUJZ-R2
Description  Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR395BUJZ-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADR395BUJZ-R2 Datasheet HTML 12Page - Analog Devices ADR395BUJZ-R2 Datasheet HTML 13Page - Analog Devices ADR395BUJZ-R2 Datasheet HTML 14Page - Analog Devices ADR395BUJZ-R2 Datasheet HTML 15Page - Analog Devices ADR395BUJZ-R2 Datasheet HTML 16Page - Analog Devices ADR395BUJZ-R2 Datasheet HTML 17Page - Analog Devices ADR395BUJZ-R2 Datasheet HTML 18Page - Analog Devices ADR395BUJZ-R2 Datasheet HTML 19Page - Analog Devices ADR395BUJZ-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADR390/ADR391/ADR392/ADR395
Rev. F | Page 16 of 20
THEORY OF OPERATION
Band gap references are the high performance solution for low
supply voltage and low power voltage reference applications,
and the ADR390/ADR391/ADR392/ADR395 are no exception.
The uniqueness of these devices lies in the architecture. As
shown in Figure 40, the ideal zero TC band gap voltage is
referenced to the output, not to ground. Therefore, if noise
exists on the ground line, it is greatly attenuated on VOUT. The
band gap cell consists of the PNP pair, Q51 and Q52, running at
unequal current densities. The difference in VBE results in a
voltage with a positive TC, which is amplified by a ratio of
R54
R58
2 ×
This PTAT voltage, combined with VBEs of Q51 and Q52,
produces a stable band gap voltage.
Reduction in the band gap curvature is performed by the ratio
of the resistors R44 and R59, one of which is linearly
temperature dependent. Precision laser trimming and other
patented circuit techniques are used to further enhance the
drift performance.
SHDN
R60
Q51
R54
R61
R53
Q52
R58
R59
R44
R48
R49
Q1
VIN
VOUT (FORCE)
VOUT (SENSE)
GND
Figure 40. Simplified Schematic
DEVICE POWER DISSIPATION CONSIDERATIONS
The ADR390/ADR391/ADR392/ADR395 are capable of deli-
vering load currents to 5 mA, with an input voltage that ranges
from 2.8 V (ADR391 only) to 15 V. When these devices are
used in applications with large input voltages, care should be
taken to avoid exceeding the specified maximum power
dissipation or junction temperature because it could result in
premature device failure. The following formula should be used
to calcu-late a device’s maximum junction temperature or
dissipation:
JA
A
J
D
T
T
P
θ
=
In this equation, TJ and TA are, respectively, the junction and
ambient temperatures. PD is the device power dissipation, and
θJA is the device package thermal resistance.
SHUTDOWN MODE OPERATION
The ADR390/ADR391/ADR392/ADR395 include a shutdown
feature that is TTL/CMOS level compatible. A logic low or a
zero volt condition on the SHDN pin is required to turn the
devices off. During shutdown, the output of the reference
becomes a high impedance state, where its potential would then
be determined by external circuitry. If the shutdown feature is
not used, the SHDN pin should be connected to VIN (Pin 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com