Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR395BUJZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADR395BUJZ-R2
Description  Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR395BUJZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADR395BUJZ-R2 Datasheet HTML 7Page - Analog Devices ADR395BUJZ-R2 Datasheet HTML 8Page - Analog Devices ADR395BUJZ-R2 Datasheet HTML 9Page - Analog Devices ADR395BUJZ-R2 Datasheet HTML 10Page - Analog Devices ADR395BUJZ-R2 Datasheet HTML 11Page - Analog Devices ADR395BUJZ-R2 Datasheet HTML 12Page - Analog Devices ADR395BUJZ-R2 Datasheet HTML 13Page - Analog Devices ADR395BUJZ-R2 Datasheet HTML 14Page - Analog Devices ADR395BUJZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADR390/ADR391/ADR392/ADR395
Rev. F | Page 11 of 20
TEMPERATURE (
°C)
0
–
40
–
10
20
80
110
125
25
5
10
15
20
50
Figure 15. ADR390 Line Regulation vs. Temperature
TEMPERATURE (
°C)
0
25
5
10
15
20
–
40
–
10
20
80
110
125
50
Figure 16. ADR391 Line Regulation vs. Temperature
TEMPERATURE
(
°C)
14
–40
–53065
125
10
6
2
0
4
100
12
8
VIN = 4.4V TO 15V
Figure 17. ADR392 Line Regulation vs. Temperature
TEMPERATURE
(
°C)
14
–40
–53065
125
10
6
2
0
4
100
12
8
VIN = 5.3V TO 15V
Figure 18. ADR395 Line Regulation vs. Temperature
LOAD CURRENT (mA)
3.0
2.0
01
234
2.6
2.4
2.2
–40
°C
+85
°C
+25
°C
5
2.8
+125
°C
Figure 19. ADR390 Minimum Input Voltage vs. Load Current
LOAD CURRENT (mA)
3.6
2.6
01
3.4
3.2
2.8
–40
°C
+85
°C
+25
°C
23
4
5
3.0
+125
°C
Figure 20. ADR391 Minimum Input Voltage vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com