Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2113M-REF Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM2113M-REF
Description  LOW VOLTAGE AUDIO POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2113M-REF Datasheet(HTML) 1 Page - New Japan Radio

  NJM2113M-REF Datasheet HTML 1Page - New Japan Radio NJM2113M-REF Datasheet HTML 2Page - New Japan Radio NJM2113M-REF Datasheet HTML 3Page - New Japan Radio NJM2113M-REF Datasheet HTML 4Page - New Japan Radio NJM2113M-REF Datasheet HTML 5Page - New Japan Radio NJM2113M-REF Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NJM2113
- 1 -
Ver.2014-03-17
LOW VOLTAGE AUDIO POWER AMPLIFIER
■ GENERAL DESCRIPTION
■ PACKAGE OUTLINE
The NJM2113 is an audio power amplifier designed for telephone
application, such as in speakerphones. Coupling capacitors to the
speaker are not required,as it has differential speaker outputs.
The closed loop gain is set with two external resistors.
A CD pin permit powering down with muting the input signal.
■ FEATURES
● Wide Operating Voltage
( 2
~16V )
● Low Operating Current
( 2.7mA Typ. )
● CD Input to Power Down the IC with Mute
● Low Power-Down Operating Current( 72μA Typ. )
● Output Power Exceeds 250mW
( V
+=6V,R
L=32Ω )
● Gain Adjustable
(GVD=0~43dB,Voice Band )
● Package Outline
DMP8, DIP8, SOP8 JEDEC 150mil
SIP8, SSOP8, VSP8
● Bipolar Technology
■ RECOMMENDED OPERATING CONDITIONS
● Load Impedance
RL
8
~200Ω
● Differential Gain
GVD
0
~43dB ( 5kHz bandwidth )
● Input Voltage at CD
VCD
0
~V+Vdc
■ PIN CONFIGURATION
■ BLOCK DIAGRAM
NJM2113D
NJM2113M
NJM2113E
NJM2113V
NJM2113R
PIN FUNCTION
1.
CD
2.
VREF
3.
+VIN
4.
–VIN
5.
VOUT1
6.
V
+
7.
GND
8.
VOUT2
NJM2113L
NJM2113V
( SSOP8 )
NJM2113D
( DIP8 )
NJM2113E
( SOP8 )
NJM2113M
( DMP8 )
NJM2113L
( SIP8 )
NJM2113R
( VSP8 )


Similar Part No. - NJM2113M-REF

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2113M NJRC-NJM2113M Datasheet
156Kb / 4P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Nisshinbo Micro Devices...
NJM2113M NISSHINBO-NJM2113M Datasheet
204Kb / 7P
LOW VOLTAGE AUDIO POWER AMPLIFIER
ver. 20250303
More results

Similar Description - NJM2113M-REF

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2113 NJRC-NJM2113 Datasheet
156Kb / 4P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Allegro MicroSystems
3718 ALLEGRO-3718 Datasheet
88Kb / 6P
LOW-VOLTAGE AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
AZ386 ETC-AZ386 Datasheet
240Kb / 10P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
LM386 UTC-LM386_05 Datasheet
182Kb / 7P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
BCD Semiconductor Manuf...
AZ386 BCDSEMI-AZ386 Datasheet
164Kb / 11P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Linear Dimensions Semic...
LND386 LINEAR_DIMENSIONS-LND386 Datasheet
137Kb / 3P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
KA8602 UTC-KA8602 Datasheet
140Kb / 6P
LOW VOLTAGE AUDIO POWER AMPLIFIER
LM386 UTC-LM386_11 Datasheet
249Kb / 8P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
LM386D TGS-LM386D Datasheet
1Mb / 6P
Low Voltage Audio Power Amplifier
logo
Unisonic Technologies
LM386 UTC-LM386_15 Datasheet
319Kb / 7P
LOW VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com