Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2113M-REF Datasheet(PDF) 3 Page - New Japan Radio

Part # NJM2113M-REF
Description  LOW VOLTAGE AUDIO POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2113M-REF Datasheet(HTML) 3 Page - New Japan Radio

  NJM2113M-REF Datasheet HTML 1Page - New Japan Radio NJM2113M-REF Datasheet HTML 2Page - New Japan Radio NJM2113M-REF Datasheet HTML 3Page - New Japan Radio NJM2113M-REF Datasheet HTML 4Page - New Japan Radio NJM2113M-REF Datasheet HTML 5Page - New Japan Radio NJM2113M-REF Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NJM2113
- 3 -
Ver.2014-03-17
INPUT
Power-Down Control
■ APPLICATION CIRCUIT
( note )
1.
The NJM2113 is active mode during the CD terminal is Low level ( <0.8V ) and it
is stand-by mode during the CD terminal is High level ( >2.0V )
2. C1 and C2 improve power supply rejection ratio.
In case of C1 is enough large,C2 is unnecessary.
3.
Please note that the C1 and C2 make slow power rise up to the NJM2113
regardless the external power supply condition.
4.
Input current flow on the internal resistor shown in the equivalent circuit of CD
terminal.
5.
No snubber resistor and capacitor are required normally.
But the snubber resistor and capacitor are required if the NJM2113 oscillates by
Condition of PCB layout,stray capacitor and speaker wire length.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com