Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2113M-REF Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2113M-REF
Description  LOW VOLTAGE AUDIO POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2113M-REF Datasheet(HTML) 2 Page - New Japan Radio

  NJM2113M-REF Datasheet HTML 1Page - New Japan Radio NJM2113M-REF Datasheet HTML 2Page - New Japan Radio NJM2113M-REF Datasheet HTML 3Page - New Japan Radio NJM2113M-REF Datasheet HTML 4Page - New Japan Radio NJM2113M-REF Datasheet HTML 5Page - New Japan Radio NJM2113M-REF Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NJM2113
- 2 -
Ver.2014-03-17
■ ABSOLUTE MAXIMUM RATINGS
( Ta=25
˚C )
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+
+18
V
Output Peak Current
IOP
± 250
mA
Input Voltage Range
VIN
( 1
~4pin )-0.3 to V
++0.3
( 5,8pin )-0.3 to V
++0.3
( when Power-Down )
V
Power Dissipation
PD
( DIP8 ) 500
( note1 )
( SIP8 ) 800
( note1 )
( DMP8 ) 500
( note2 )
( SSOP8 ) 360
( note2 )
( VSP8 ) 320
( note1 )
( SOP8 ) 300
( note1 )
mW
Operating Temperature Range
Topr
-20
~+75
˚C
Storage Temperature Range
Tstg
-40
~+125
˚C
( note1 ) Device itself.
( note2 ) Mounted on PC Board.
■ ELECTRICAL CHARACTERISTICS
( V
+=6V,Ta=25˚C,unless otherwise specified )
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Operating Current
ICC1
V
+=3.0V,R
L=∞,1pin=0.8V
-
2.7
4.0
mA
( no signal )
ICC2
V
+=16.0V,R
L=∞,1pin=0.8V
-
3.4
5.0
mA
ICCD
V
+=3.0V,R
L=∞,1pin=2.0V
-
72
100
μA
Open Loop Gain
AV1
Amplifier#A,f<100Hz
77
83
-
dB
Closed Loop Gain
AV2
Amplifier#B,f=1kHz,RL=32Ω
-0.35
0
+0.35
dB
Output Power
PO1
V
+=3.0V,R
L=16Ω,THD≤10
55
-
-
mW
( note3 )
PO2
V
+=6.0V,R
L=32Ω,THD≤10
250
-
-
mW
PO3
V
+=12.0V,R
L=100Ω,THD≤10 ( note4 )
400
-
-
mW
Total Harmonic Distortion
THD1
V
+=6V,R
L=32Ω,PO=125mW,GVD=34dB
-
0.5
1.0
( f=1kHz )
THD2
V
+≥3V,R
L=8Ω,PO=20mW,GVD=12dB
-
0.5
-
THD3
V
+≥12V,R
L=32Ω,PO=200mW,GVD=34dB
-
0.6
-
Power Supply Rejection Ratio
PSRR1
C1=
∞,C2=0.01μF,DC
50
-
-
dB
( V
+=6.0V,ΔV+=3.0V )
PSRR2
C1=0.1
μF,C2=0,f=1kHz
-
12
-
dB
PSRR3
C1=1.0
μF,C2=5.0μF,f=1kHz
-
52
-
dB
Mute Attenuation
MAT
f=1kHz
~20kHz,1pin=2.0V
-
70
-
dB
Output Voltage
VO1
V
+=3.0V,R
L=16Ω
1.00
1.18
1.25
V
( Rf=75kΩ,DC )
VO2
V
+=6.0V
-
2.68
-
V
VO3
V
+=12.0V
-
5.71
-
V
Output High Level
VOH
IOUT=-75mA,V
+=2.0~16.0V
-
V
+-1.1
-
V
Output Low Level
VOL
IOUT=75mA,V
+=2.0~16.0V
-
0.21
-
V
Output DC Offset
ΔVO
Rf=75kΩ,RL=32Ω,5pin~8pin
-30
0
+30
mV
Input Bias Current
IB
4pin
-
-30
-200
nA
Equivalent Resistance
R+IN
3pin
100
150
220
k
Ω
RREF
2pin
18
25
40
k
Ω
CD Input Voltage H
VCDH
1pin
2.0
-
V
+
V
CD Input Voltage L
VCDL
1pin
0.0
-
0.8
V
CD Input Resistance
RCD
VCD=16.0V,1pin
50
75
175
k
Ω
( note3 ) NJM2113M,NJM2113V : At on PC Board
( note4 ) Not specified for NJM2113V,NJM2113R



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com