Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N53 Datasheet(PDF) 5 Page - ON Semiconductor

Part # 1N53
Description  5 Watt Surmetic 40 Zener Voltage Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N53 Datasheet(HTML) 5 Page - ON Semiconductor

  1N53_13 Datasheet HTML 1Page - ON Semiconductor 1N53_13 Datasheet HTML 2Page - ON Semiconductor 1N53_13 Datasheet HTML 3Page - ON Semiconductor 1N53_13 Datasheet HTML 4Page - ON Semiconductor 1N53_13 Datasheet HTML 5Page - ON Semiconductor 1N53_13 Datasheet HTML 6Page - ON Semiconductor 1N53_13 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1N53 Series
http://onsemi.com
5
0.5
Figure 4. Typical Thermal Response
L, Lead Length = 3/8 Inch
Figure 5. Maximum Non-Repetitive Surge Current
versus Nominal Zener Voltage
(See Note 4)
0.01
0.0000001
DUTY CYCLE, D = t1/t2
SINGLE PULSE D TJL = qJL(t)PPK
REPETITIVE PULSES D TJL = qJL(t,D)PPK
qJL(t,D) = D * qJL (∞)+(1−D) * qJL(t)
[where qJL(t) is D = 0 curve]
PPK
t1
t2
t, TIME (SECONDS)
40
20
10
4
2
1
0.1
0.2
0.4
34
68 10
20
30
40
60 80 100
200
*SQUARE WAVE
PW=100ms*
PW=1000ms*
PW=1ms*
PW=8.3ms*
NOMINAL VZ (V)
30
20
10
0.1
0.2
0.5
1
2
5
1
10
100
1000
1000
100
10
1
0.1
1
2
3
4
56
78
9
10
PW, PULSE WIDTH (ms)
VZ, ZENER VOLTAGE (VOLTS)
Figure 6. Peak Surge Current versus Pulse Width
(See Note 4)
Figure 7. Zener Voltage versus Zener Current
VZ = 3.3 thru 10 Volts
VZ =200V
VZ =3.3V
PLOTTED FROM INFORMATION
GIVEN IN FIGURE 5
TC =25°C
T=25
°C
VZ, ZENER VOLTAGE (VOLTS)
1000
100
10
1
0.1
10
20
30
40
50
60
70
80
T=25
°C
Figure 8. Zener Voltage versus Zener Current
VZ = 11 thru 75 Volts
0.000001 0.00001
0.0001
0.001
0.01
0.1
1
10
100
0.1
1
10
100
D = 0
0.2
0.1
0.05
0.02
0.01



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com