Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N53 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 1N53
Description  5 Watt Surmetic 40 Zener Voltage Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N53 Datasheet(HTML) 1 Page - ON Semiconductor

  1N53_13 Datasheet HTML 1Page - ON Semiconductor 1N53_13 Datasheet HTML 2Page - ON Semiconductor 1N53_13 Datasheet HTML 3Page - ON Semiconductor 1N53_13 Datasheet HTML 4Page - ON Semiconductor 1N53_13 Datasheet HTML 5Page - ON Semiconductor 1N53_13 Datasheet HTML 6Page - ON Semiconductor 1N53_13 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2013
November, 2013 − Rev. 15
1
Publication Order Number:
1N5333B/D
1N53 Series
5 Watt Surmetict
40 Zener Voltage Regulators
This is a complete series of 5 Watt Zener diodes with tight limits and
better operating characteristics that reflect the superior capabilities of
silicon−oxide passivated junctions. All this in an axial lead,
transfer−molded plastic package that offers protection in all common
environmental conditions.
Features
Zener Voltage Range − 3.3 V to 200 V
ESD Rating of Class 3 (>16 kV) per Human Body Model
Surge Rating of up to 180 W @ 8.3 ms
Maximum Limits Guaranteed on up to Six Electrical Parameters
Pb−Free Packages are Available*
Mechanical Characteristics
CASE:
Void free, transfer−molded, thermosetting plastic
FINISH:
All external surfaces are corrosion resistant and leads are
readily solderable
MAXIMUM LEAD TEMPERATURE FOR SOLDERING PURPOSES:
260
°C, 1/16 in. from the case for 10 seconds
POLARITY:
Cathode indicated by polarity band
MOUNTING POSITION:
Any
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Max. Steady State Power Dissipation
@ TL = 25°C, Lead Length = 3/8 in
Derate above 25°C
Junction−to−Lead Thermal Resistance
PD
qJL
5
40
25
W
mW/°C
°C/W
Operating and Storage
Temperature Range
TJ, Tstg
−65 to +200
(Note 1)
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Max operating temperature for DC conditions is 150°C, but not to exceed
200°C for pulsed conditions with low duty cycle or non−repetitive.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
AXIAL LEAD
CASE 017AA
PLASTIC
Cathode
Anode
MARKING DIAGRAM
A
= Assembly Location
1N53xxB = Device Number
(Refer to Tables on Pages 3 & 4)
YY
= Year
WW
= Work Week
G
=Pb−Free Package
A
1N
53xxB
YYWWG
G
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
1N53xxB, G
Axial Lead
(Pb−Free)
1000 Units/Box
1N53xxBRL, G
Axial Lead
(Pb−Free)
4000/Tape & Reel
(Note: Microdot may be in either location)


Similar Part No. - 1N53_13

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5301 MOTOROLA-1N5301 Datasheet
119Kb / 5P
CURRENT REGULATOR DIODES
logo
Compensated Deuices Inc...
1N5301 CDI-DIODE-1N5301 Datasheet
30Kb / 2P
CURRENT REGULATOR DIODES
logo
Knox Semiconductor, Inc
1N5301 KNOX-1N5301 Datasheet
37Kb / 1P
CURRENT LIMITER FIELD EFFECT DIODES
logo
Microsemi Corporation
1N5301 MICROSEMI-1N5301 Datasheet
97Kb / 2P
HIGH RELIABILITY CURRENT REGULATOR DIODES
1N5301 MICROSEMI-1N5301 Datasheet
34Kb / 1P
CURRENT REGULATOR DIODES
More results

Similar Description - 1N53_13

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
1N5333B BOCA-1N5333B Datasheet
428Kb / 5P
5 Watt Surmetic 40 Silicon Zener Diodes
logo
ON Semiconductor
MZP4729A ONSEMI-MZP4729A Datasheet
57Kb / 8P
3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
February, 2002 ??Rev. 2
logo
Motorola, Inc
1N5333A MOTOROLA-1N5333A Datasheet
195Kb / 4P
5-Watt Surmetic 40 Silicon Zener Diodes
logo
ON Semiconductor
1N5333B ONSEMI-1N5333B Datasheet
71Kb / 8P
5 Watt Surmetic 40 Zener Voltage Refulators
December, 2004 ??Rev. 4
3EZ4.3D5 ONSEMI-3EZ4.3D5 Datasheet
130Kb / 7P
3 Watt DO??1 Surmetic 30 Zener Voltage Regulators
March, 2006 ??Rev. 4
1N5333B ONSEMI-1N5333B_06 Datasheet
82Kb / 8P
5 Watt Surmetic TM 40 Zener Voltage Regulators
May, 2006 ??Rev. 7
1N53 ONSEMI-1N53 Datasheet
135Kb / 7P
5 Watt Surmetic 40 Zener Voltage Regulators
May, 2012 ??Rev. 14
MZP4729AG ONSEMI-MZP4729AG Datasheet
83Kb / 6P
3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
July, 2007 - Rev. 4
1N5333G ONSEMI-1N5333G Datasheet
147Kb / 7P
5 Watt Surmetic 40 Zener Voltage Regulators
May, 2012 ??Rev. 14
logo
New Jersey Semi-Conduct...
1N5333B NJSEMI-1N5333B Datasheet
102Kb / 2P
5 Watt Surmetic 40 Silicon Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com