Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N53 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 1N53
Description  5 Watt Surmetic 40 Zener Voltage Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N53 Datasheet(HTML) 3 Page - ON Semiconductor

  1N53_13 Datasheet HTML 1Page - ON Semiconductor 1N53_13 Datasheet HTML 2Page - ON Semiconductor 1N53_13 Datasheet HTML 3Page - ON Semiconductor 1N53_13 Datasheet HTML 4Page - ON Semiconductor 1N53_13 Datasheet HTML 5Page - ON Semiconductor 1N53_13 Datasheet HTML 6Page - ON Semiconductor 1N53_13 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1N53 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 1.2 V Max @ IF = 1.0 A for all types)
Device
(Note 7)
Device
Marking
Zener Voltage (Note 8)
Zener Impedance (Note 8)
Leakage
Current
IR
(Note 9)
DVZ
(Note
10)
IZM
(Note 11)
VZ (Volts)
@ IZT ZZT @ IZT ZZK @ IZK IZK
IR @ VR
Min
Nom
Max
mA
W
W
mA mA Max Volts
A
Volts
mA
1N5348B
1N5348B 10.45
11
11.55
125
2.5
125
1
5
8.4
8.0
0.25
430
1N5349B
1N5349B
11.4
12
12.6
100
2.5
125
1
2
9.1
7.5
0.25
395
1N5350B
1N5350B 12.35
13
13.65
100
2.5
100
1
1
9.9
7.0
0.25
365
1N5351B
1N5351B
13.3
14
14.7
100
2.5
75
1
1
10.6
6.7
0.25
340
1N5352B
1N5352B 14.25
15
15.75
75
2.5
75
1
1
11.5
6.3
0.25
315
1N5353B
1N5353B
15.2
16
16.8
75
2.5
75
1
1
12.2
6.0
0.3
295
1N5354B
1N5354B 16.15
17
17.85
70
2.5
75
1
0.5
12.9
5.8
0.35
280
1N5355B
1N5355B
17.1
18
18.9
65
2.5
75
1
0.5
13.7
5.5
0.4
264
1N5356B
1N5356B 18.05
19
19.95
65
3
75
1
0.5
14.4
5.3
0.4
250
1N5357B
1N5357B
19
20
21
65
3
75
1
0.5
15.2
5.1
0.4
237
1N5358B
1N5358B
20.9
22
23.1
50
3.5
75
1
0.5
16.7
4.7
0.45
216
1N5359B
1N5359B
22.8
24
25.2
50
3.5
100
1
0.5
18.2
4.4
0.55
198
1N5360B
1N5360B 23.75
25
26.25
50
4
110
1
0.5
19
4.3
0.55
190
1N5361B
1N5361B 25.65
27
28.35
50
5
120
1
0.5
20.6
4.1
0.6
176
1N5362B
1N5362B
26.6
28
29.4
50
6
130
1
0.5
21.2
3.9
0.6
170
1N5363B
1N5363B
28.5
30
31.5
40
8
140
1
0.5
22.8
3.7
0.6
158
1N5364B
1N5364B 31.35
33
34.65
40
10
150
1
0.5
25.1
3.5
0.6
144
1N5365B
1N5365B
34.2
36
37.8
30
11
160
1
0.5
27.4
3.5
0.65
132
1N5366B
1N5366B 37.05
39
40.95
30
14
170
1
0.5
29.7
3.1
0.65
122
1N5367B
1N5367B 40.85
43
45.15
30
20
190
1
0.5
32.7
2.8
0.7
110
1N5368B
1N5368B 44.65
47
49.35
25
25
210
1
0.5
35.8
2.7
0.8
100
1N5369B
1N5369B 48.45
51
53.55
25
27
230
1
0.5
38.8
2.5
0.9
93
1N5370B
1N5370B
53.2
56
58.8
20
35
280
1
0.5
42.6
2.3
1.0
86
1N5371B
1N5371B
57
60
63
20
40
350
1
0.5
45.5
2.2
1.2
79
1N5372B
1N5372B
58.9
62
65.1
20
42
400
1
0.5
47.1
2.1
1.35
76
1N5373B
1N5373B
64.6
68
71.4
20
44
500
1
0.5
51.7
2.0
1.52
70
1N5374B
1N5374B 71.25
75
78.75
20
45
620
1
0.5
56
1.9
1.6
63
1N5375B
1N5375B
77.9
82
86.1
15
65
720
1
0.5
62.2
1.8
1.8
58
1N5377B
1N5377B 86.45
91
95.55
15
75
760
1
0.5
69.2
1.6
2.2
52.5
1N5378B
1N5378B
95
100
105
12
90
800
1
0.5
76
1.5
2.5
47.5
1N5380B
1N5380B
114
120
126
10
170
1150
1
0.5
91.2
1.3
2.5
39.5
1N5381B
1N5381B 123.5
130
136.5
10
190
1250
1
0.5
98.8
1.2
2.5
36.6
1N5383B
1N5383B 142.5
150
157.5
8
330
1500
1
0.5
114
1.1
3.0
31.6
1N5384B
1N5384B
152
160
168
8
350
1650
1
0.5
122
1.1
3.0
29.4
1N5386B
1N5386B
171
180
189
5
430
1750
1
0.5
137
1.0
4.0
26.4
1N5387B
1N5387B 180.5
190
199.5
5
450
1850
1
0.5
144
0.9
5.0
25
1N5388B
1N5388B
190
200
210
5
480
1850
1
0.5
152
0.9
5.0
23.6
Devices listed in bold, italic are ON Semiconductor Preferred devices. Preferred devices are recommended choices for future use and best overall value.
7. TOLERANCE AND TYPE NUMBER DESIGNATION: The JEDEC type numbers shown indicate a tolerance of ±5%.
8. ZENER VOLTAGE (VZ) and IMPEDANCE (IZT and IZK): Test conditions for zener voltage and impedance are as follows: IZ is applied
40 ±10 ms prior to reading. Mounting contacts are located 3/8″ to 1/2″ from the inside edge of mounting clips to the body of the diode
(TA = 25°C +8°C, −2°C).
9. SURGE CURRENT (IR): Surge current is specified as the maximum allowable peak, non−recurrent square−wave current with a pulse width,
PW, of 8.3 ms. The data given in Figure 5 may be used to find the maximum surge current for a square wave of any pulse width between
1 ms and 1000 ms by plotting the applicable points on logarithmic paper. Examples of this, using the 3.3 V and 200 V zener are shown in
Figure 6. Mounting contact located as specified in Note 7 (TA = 25°C +8°C, −2°C).
10.VOLTAGE REGULATION (DVZ): The conditions for voltage regulation are as follows: VZ measurements are made at 10% and then at 50%
of the IZ max value listed in the electrical characteristics table. The test current time duration for each VZ measurement is 40 ±10 ms. Mounting
contact located as specified in Note 7 (TA = 25°C +8°C, −2°C).
11. MAXIMUM REGULATOR CURRENT (IZM): The maximum current shown is based on the maximum voltage of a 5% type unit, therefore,
it applies only to the B−suffix device. The actual IZM for any device may not exceed the value of 5 watts divided by the actual VZ of the device.
TL = 25°C at 3/8″ maximum from the device body.
†The “G’’ suffix indicates Pb−Free package or Pb−Free packages are available.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com