Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV341 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV341
Description  Single with Shutdown/Dual/Quad General Purpose, 2.7V, Rail-to-Rail Output, 125째C, Operational Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV341 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMV341 Datasheet HTML 1Page - National Semiconductor (TI) LMV341 Datasheet HTML 2Page - National Semiconductor (TI) LMV341 Datasheet HTML 3Page - National Semiconductor (TI) LMV341 Datasheet HTML 4Page - National Semiconductor (TI) LMV341 Datasheet HTML 5Page - National Semiconductor (TI) LMV341 Datasheet HTML 6Page - National Semiconductor (TI) LMV341 Datasheet HTML 7Page - National Semiconductor (TI) LMV341 Datasheet HTML 8Page - National Semiconductor (TI) LMV341 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
2.7V DC Electrical Characteristics (Note 10) (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 2.7V, V− = 0V, V
CM =V
+/2, V
O =V
+/2 and R
L > 1M
Ω.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 7)
Typ
(Note 6)
Max
(Note 7)
Units
I
O
Output Short Circuit Current
Sourcing
LMV341/LMV342
20
32
mA
Sourcing
LMV344
18
24
Sinking
15
24
t
on
Turn-on Time from Shutdown
(LMV341)
5
µs
V
SD
Shutdown Pin Voltage Range
ON Mode (LMV341)
1.7 to 2.7
2.4 to 2.7
V
Shutdown Mode (LMV341)
0 to 1
0 to 0.8
2.7V AC Electrical Characteristics (Note 10)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 2.7V, V− = 0V, V
CM =V
+/2, V
O =V
+/2 and R
L > 1M
Ω.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 7)
Typ
(Note 6)
Max
(Note 7)
Units
SR
Slew Rate
R
L = 10k
Ω, (Note 9)
1.0
V/µs
GBW
Gain Bandwidth Product
R
L = 100k
Ω,C
L = 200pF
1.0
MHz
Φ
m
Phase Margin
R
L = 100k
Ω
72
deg
G
m
Gain Margin
R
L = 100k
Ω
20
dB
e
n
Input-Referred Voltage Noise
f = 1kHz
40
nV/
i
n
Input-Referred Current Noise
f = 1kHz
0.001
pA/
THD
Total Harmonic Distortion
f = 1kHz, A
V =+1
R
L = 600
Ω,V
IN =1VPP
0.017
%
5V DC Electrical Characteristics (Note 10)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5V, V− = 0V, V
CM =V
+/2, V
O =V
+/2 and R
L > 1M
Ω.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 7)
Typ
(Note 6)
Max
(Note 7)
Units
V
OS
Input Offset Voltage
LMV341
0.025
4
4.5
mV
LMV342/LMV344
0.70
5
5.5
TCV
OS
Input Offset Voltage Average
Drift
1.9
µV/˚C
I
B
Input Bias Current
0.02
200
375
pA
I
OS
Input Offset Current
6.6
fA
I
S
Supply Current
Per Amplifier
107
200
260
µA
Shutdown Mode, V
SD =0V
(LMV341)
0.033
1
1.5
µA
CMRR
Common Mode Rejection
Ratio
0V
≤ V
CM
≤ 4.0V
0V
≤ V
CM
≤ 3.9V
56
50
86
dB
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 5V
65
60
82
dB
V
CM
Input Common Mode Voltage
For CMRR
≥ 50dB
0
−0.2 to 4.2
(Range)
4V
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com