Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV341 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV341
Description  Single with Shutdown/Dual/Quad General Purpose, 2.7V, Rail-to-Rail Output, 125째C, Operational Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV341 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV341 Datasheet HTML 1Page - National Semiconductor (TI) LMV341 Datasheet HTML 2Page - National Semiconductor (TI) LMV341 Datasheet HTML 3Page - National Semiconductor (TI) LMV341 Datasheet HTML 4Page - National Semiconductor (TI) LMV341 Datasheet HTML 5Page - National Semiconductor (TI) LMV341 Datasheet HTML 6Page - National Semiconductor (TI) LMV341 Datasheet HTML 7Page - National Semiconductor (TI) LMV341 Datasheet HTML 8Page - National Semiconductor (TI) LMV341 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LMV341/LMV342/LMV344
Single with Shutdown/Dual/Quad General Purpose, 2.7V,
Rail-to-Rail Output, 125˚C, Operational Amplifiers
General Description
The LMV341/342/344 are single, dual, and quad low volt-
age, and low power Operational Amplifiers. They are de-
signed specifically for low voltage portable applications.
Other important product characteristics are low input bias
current, rail-to-rail output, and wide temperature range.
The patented class AB turnaround stage significantly re-
duces the noise at higher frequencies, power consumption,
and offset voltage. The PMOS input stage provides the user
with ultra-low input bias current of 20fA (typical) and high
input impedance.
The industrial-plus temperature range of -40˚C to 125˚C
allows the LMV341/342/344 to accommodate a broad range
of extended environment applications. LMV341 expands Na-
tional Semiconductor’s Silicon Dust™ amplifier portfolio of-
fering enhancements in size, speed, and power savings. The
LMV341/342/344 are guaranteed to operate over the voltage
range of 2.7V to 5.0V and all have rail-to-rail output.
The LMV341 offers a shutdown pin that can be used to
disable the device. Once in shutdown mode, the supply
current is reduced to 45pA (typical). The LMV341/342/344
have 29nV Voltage Noise at 10KHz, 1MHz GBW, 1.0V/µs
Slew
Rate,
0.25mVos,
and
0.1µA shutdown
current
(LMV341.)
The LMV341 is offered in the tiny SC70-6L package, the
LMV342 in space saving MSOP-8 and SOIC-8, and the
LMV344 in TSSOP-14 and SOIC-14. These small package
amplifiers offer an ideal solution for applications requiring
minimum PC board footprint. Applications with area con-
strained PC board requirements include portable electronics
such as cellular handsets and PDAs.
Features
(Typical 2.7V Supply Values;Unless Otherwise Noted)
n
Guaranteed 2.7V and 5V specifications
n
Input referred voltage noise (@10kHz)
29nV/
n
Supply current (per amplifier)
100µA
n
Gain bandwidth product
1.0MHz
n
Slew rate
1.0V/µs
n
Shutdown Current (LMV341)
45pA
n
Turn-on time from shutdown (LMV341)
5µs
n
Input bias current
20fA
Applications
n
Cordless/cellular phones
n
Laptops
n
PDAs
n
PCMCIA/Audio
n
Portable/battery-powered electronic equipment
n
Supply current monitoring
n
Battery monitoring
n
Buffer
n
Filter
n
Driver
Connection Diagram
SC70-6L
20030441
Top View
Order Number
LMV341MG, LMV341MGX
LMV342MM, LMV342MMX
LMV342MA, LMV342MAX
LMV344MT, LMV344MTX
LMV344MA, LMV344MAX
Sample and Hold Circuit
20030444
March 2003
© 2003 National Semiconductor Corporation
DS200304
www.national.com


Similar Part No. - LMV341

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV341 TI-LMV341 Datasheet
871Kb / 27P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
LMV341 TI1-LMV341 Datasheet
1Mb / 20P
Single with Shutdown/Dual/Quad General Purpose, 2.7V,Rail-to-Rail Output, 125C, Operational Amplifiers
LMV341 TI-LMV341 Datasheet
996Kb / 30P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
JUNE 2009
LMV341 TI2-LMV341 Datasheet
964Kb / 30P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
REVISED JUNE 2009
LMV341 TI2-LMV341 Datasheet
2Mb / 42P
LMV34x Rail-to-Rail Output CMOS Operational Amplifiers With Shutdown
REVISED JUNE 2025
More results

Similar Description - LMV341

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8591 AD-AD8591 Datasheet
227Kb / 15P
CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV.A
logo
Texas Instruments
LMV341 TI-LMV341 Datasheet
871Kb / 27P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
LMV321 TI1-LMV321 Datasheet
1Mb / 30P
Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
LMV341 TI1-LMV341 Datasheet
1Mb / 20P
Single with Shutdown/Dual/Quad General Purpose, 2.7V,Rail-to-Rail Output, 125C, Operational Amplifiers
LMV324MTX-NOPB TI1-LMV324MTX-NOPB Datasheet
2Mb / 44P
Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Analog Devices
AD8592ARMZ-REEL AD-AD8592ARMZ-REEL Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
logo
National Semiconductor ...
LMV321-N NSC-LMV321-N Datasheet
2Mb / 45P
Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
LMV341-N NSC-LMV341-N Datasheet
1Mb / 28P
Single with Shutdown/Dual/Quad General Purpose, 2.7V,Rail-to-Rail Output, 125째C, Operational Amplifiers
logo
Analog Devices
AD8592 AD-AD8592_15 Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com