Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV341 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV341
Description  Single with Shutdown/Dual/Quad General Purpose, 2.7V, Rail-to-Rail Output, 125째C, Operational Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV341 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMV341 Datasheet HTML 1Page - National Semiconductor (TI) LMV341 Datasheet HTML 2Page - National Semiconductor (TI) LMV341 Datasheet HTML 3Page - National Semiconductor (TI) LMV341 Datasheet HTML 4Page - National Semiconductor (TI) LMV341 Datasheet HTML 5Page - National Semiconductor (TI) LMV341 Datasheet HTML 6Page - National Semiconductor (TI) LMV341 Datasheet HTML 7Page - National Semiconductor (TI) LMV341 Datasheet HTML 8Page - National Semiconductor (TI) LMV341 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
Machine Model
200V
Human Body Model
2000V
Differential Input Voltage
± Supply Voltage
Supply Voltage (V
+ -V −)
5.5V
Output Short Circuit to V
+
(Note 3)
Output Short Circuit to V
−
(Note 4)
Storage Temperature Range
−65˚C to 150˚C
Junction Temperature (Note 5)
150˚C
Mounting Temperature
Infrared or Convection Reflow
(20 sec.)
235˚C
Wave Soldering Lead Temp.
(10 sec.)
260˚C
Operating Ratings (Note 1)
Temperature Range
−40˚C to 125˚C
Thermal Resistance (
θ
JA)
6-Pin SC70
414˚C/W
8-Pin SOIC
190˚C/W
8-Pin MSOP
235˚C/W
14-Pin TSSOP
155˚C/W
14-Pin SOIC
145˚C/W
2.7V DC Electrical Characteristics (Note 10)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 2.7V, V− = 0V, V
CM =V
+/2, V
O =V
+/2 and R
L > 1M
Ω.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 7)
Typ
(Note 6)
Max
(Note 7)
Units
V
OS
Input Offset Voltage
LMV341
0.25
4
4.5
mV
LMV342/LMV344
0.55
5
5.5
TCV
OS
Input Offset Voltage Average
Drift
1.7
µV/˚C
I
B
Input Bias Current
0.02
120
250
pA
I
OS
Input Offset Current
6.6
fA
I
S
Supply Current
Per Amplifier
100
170
230
µA
Shutdown Mode, V
SD =0V
(LMV341)
45pA
1µA
1.5µA
CMRR
Common Mode Rejection
Ratio
0V
≤ V
CM
≤ 1.7V
0V
≤ V
CM
≤ 1.6V
56
50
80
dB
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 5V
65
60
82
dB
V
CM
Input Common Mode Voltage
For CMRR
≥ 50dB
0
−0.2 to 1.9
(Range)
1.7
V
A
V
Large Signal Voltage Gain
R
L = 10k
Ω to 1.35V
78
70
113
dB
R
L =2k
Ω to 1.35V
72
64
103
V
O
Output Swing
R
L =2k
Ω to 1.35V
24
60
95
mV
60
95
26
R
L = 10k
Ω to 1.35V
5.0
30
40
30
40
5.3
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com