Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV921 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV921
Description  1.8V, 1MHz, Low Power Operational Amplifiers with Rail-To-Rail Input and Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV921 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMV921 Datasheet HTML 1Page - National Semiconductor (TI) LMV921 Datasheet HTML 2Page - National Semiconductor (TI) LMV921 Datasheet HTML 3Page - National Semiconductor (TI) LMV921 Datasheet HTML 4Page - National Semiconductor (TI) LMV921 Datasheet HTML 5Page - National Semiconductor (TI) LMV921 Datasheet HTML 6Page - National Semiconductor (TI) LMV921 Datasheet HTML 7Page - National Semiconductor (TI) LMV921 Datasheet HTML 8Page - National Semiconductor (TI) LMV921 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
2.7V DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 2.7V, V − = 0V, V
CM =V
+/2, V
O =V
+/2 and
R
L > 1MΩ. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Typ
(Note 5)
Limits
(Note 6)
Units
I
S
Supply Current
LMV921 (Single)
147
190
210
uA
max
LMV922 (Dual)
380
450
600
LMV924 (Quad)
580
750
900
CMRR
Common Mode Rejection Ratio
0V
≤ V
CM ≤ 1.5V
84
62
60
dB
min
−0.2V
≤ V
CM ≤ 0V
2.7V
≤ V
CM < 2.9V
73
50
PSRR
Power Supply Rejection Ratio
1.8V
≤ V+ ≤ 5V,
V
CM = 0.5V
78
67
62
dB
min
V
CM
Input Common-Mode Voltage
Range
For CMRR
≥ 50dB
-0.3
-0.2
0
V
max
3.050
2.9
2.7
V
min
A
V
Large Signal Voltage Gain
LMV921 (Single)
R
L = 600Ω to 1.35V,
V
O = 0.2V to 2.5V
98
80
75
dB
min
R
L =2kΩ to 1.35V,
V
O = 0.2V to 2.5V
103
83
77
Large Signal Voltage Gain
LMV922 (Dual)
LMV924 (Quad)
R
L = 600Ω to 1.35V,
V
O = 0.2V to 2.5V
86
68
63
dB
min
R
L =2kΩ to 1.35V,
V
O = 0.2V to 2.5V
91
71
65
V
O
Output Swing
R
L = 600Ω to 1.35V
V
IN = ± 100mV
2.62
2.550
2.530
V
min
0.075
0.095
0.115
V
max
R
L =2kΩ to 1.35V
V
IN = ± 100mV
2.675
2.650
2.640
V
min
0.025
0.040
0.045
V
max
I
O
Output Short Circuit Current
Sourcing, V
O =0V
V
IN = 100mV
27
20
15
mA
min
Sinking, V
O = 2.7V
V
IN = −100mV
28
22
16
mA
min
2.7V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 2.7V, V − = 0V, V
CM = 1.0V, VO = 1.35V and
R
L > 1MΩ. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
Units
SR
Slew Rate
(Note 7)
0.41
V/µs
GBW
Gain-Bandwidth Product
1
MHz
Φ
m
Phase Margin
65
Deg.
G
m
Gain Margin
10
dB
e
n
Input-Referred Voltage Noise
f = 1 kHz, V
CM = 0.5V
45
i
n
Input-Referred Current Noise
f = 1 kHz
0.1
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com