Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV921 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV921
Description  1.8V, 1MHz, Low Power Operational Amplifiers with Rail-To-Rail Input and Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV921 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMV921 Datasheet HTML 9Page - National Semiconductor (TI) LMV921 Datasheet HTML 10Page - National Semiconductor (TI) LMV921 Datasheet HTML 11Page - National Semiconductor (TI) LMV921 Datasheet HTML 12Page - National Semiconductor (TI) LMV921 Datasheet HTML 13Page - National Semiconductor (TI) LMV921 Datasheet HTML 14Page - National Semiconductor (TI) LMV921 Datasheet HTML 15Page - National Semiconductor (TI) LMV921 Datasheet HTML 16Page - National Semiconductor (TI) LMV921 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Typical Performance Characteristics Unless otherwise specified, V
S = +5V, single supply,
TA = 25˚C. (Continued)
*For large signal pulse response in the unity gain follower configuration, the input is 5mV below the positive rail and 5mV above
the negative rail at 25˚C and 85˚C. At −40˚C, input is 10mV below the positive rail and 10mV above the negative rail.
Small Signal
Inverting Response
DS100979-G1
*Large Signal
Non-Inverting Response
DS100979-F0
*Large Signal
Non-Inverting Response
DS100979-E9
*Large Signal
Non-Inverting Response
DS100979-G0
*Large Signal
Inverting Response
DS100979-F9
*Large Signal
Inverting Response
DS100979-F8
*Large Signal
Inverting Response
DS100979-F7
*Large Signal
Non-Inverting Response
DS100979-F1
*Large Signal
Non-Inverting Response
DS100979-F2
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com