Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV921 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV921
Description  1.8V, 1MHz, Low Power Operational Amplifiers with Rail-To-Rail Input and Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV921 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV921 Datasheet HTML 1Page - National Semiconductor (TI) LMV921 Datasheet HTML 2Page - National Semiconductor (TI) LMV921 Datasheet HTML 3Page - National Semiconductor (TI) LMV921 Datasheet HTML 4Page - National Semiconductor (TI) LMV921 Datasheet HTML 5Page - National Semiconductor (TI) LMV921 Datasheet HTML 6Page - National Semiconductor (TI) LMV921 Datasheet HTML 7Page - National Semiconductor (TI) LMV921 Datasheet HTML 8Page - National Semiconductor (TI) LMV921 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
LMV921 Single/ LMV922 Dual/ LMV924 Quad
1.8V, 1MHz, Low Power Operational Amplifiers with
Rail-To-Rail Input and Output
General Description
The LMV921 Single/LMV922 Dual/LMV924 Quad are guar-
anteed to operate from +1.8V to +5.0V supply voltages and
have rail-to-rail input and output. This rail-to-rail operation
enables the user to make full use of the entire supply voltage
range. The input common mode voltage range extends
300mV beyond the supplies and the output can swing
rail-to-rail unloaded and within 100mV from the rail with
600
Ω load at 1.8V supply. The LMV921/LMV922/LMV924
are optimized to work at 1.8V which make them ideal for por-
table two-cell battery-powered systems and single cell Li-Ion
systems.
The
LMV921/LMV922/LMV924
exhibit
excellent
speed-power ratio, achieving 1MHz gain bandwidth product
at 1.8V supply voltage with very low supply current. The
LMV921/LMV922/LMV924 are capable of driving 600
Ω load
and up to 1000pF capacitive load with minimal ringing. The
LMV921/LMV922/LMV924’s high DC gain of 100dB makes
them suitable for low frequency applications.
The LMV921 (Single) is offered in a space saving SC70–5
and SOT23–5 packages. The SC70–5 package is only
2.0X2.1X1.0mm. These small packages are ideal solutions
for area constrained PC boards and portable electronics
such as cellphones and PDAs.
Features
(Typical 1.8V Supply Values; Unless Otherwise Noted)
n Guaranteed 1.8V, 2.7V and 5V specifications
n Rail-to-Rail input & output swing
—
w/600
Ω load
100 mV from rail
—
w/2k
Ω load
30 mV from rail
n VCM
300mV beyond rails
n 90dB gain w/600
Ω load
n Supply current
145µA/amplifier
n Gain bandwidth product
1MHz
n LMV921 Maximum VOS
6mV
n LMV921 available in Ultra Tiny, SC70-5 package
n LMV922 available in MSOP-8 package
n LMV924 available in TSSOP-14 package
Applications
n Cordless/cellular phones
n Laptops
n PDAs
n PCMCIA
n Portable/battery-powered electronic Equipment
n Supply current Monitoring
n Battery monitoring
Connection Diagrams
5-Pin SC70-5/SOT23-5
DS100979-84
Top View
8-Pin MSOP/SOIC
DS100979-2
Top View
December 1999
© 1999 National Semiconductor Corporation
DS100979
www.national.com


Similar Part No. - LMV921

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV921 NSC-LMV921 Datasheet
1Mb / 42P
1.8V RR I/O Op Amp
logo
Texas Instruments
LMV921 TI1-LMV921 Datasheet
824Kb / 23P
Single, Dual and Quad 1.8V, 1MHz, Low Power Operational Amplifiers
logo
National Semiconductor ...
LMV921M5 NSC-LMV921M5 Datasheet
1Mb / 42P
1.8V RR I/O Op Amp
LMV921M5X NSC-LMV921M5X Datasheet
1Mb / 42P
1.8V RR I/O Op Amp
LMV921M7 NSC-LMV921M7 Datasheet
1Mb / 42P
1.8V RR I/O Op Amp
More results

Similar Description - LMV921

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS1851 STMICROELECTRONICS-TS1851 Datasheet
171Kb / 17P
1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
May-2000
TS1871 STMICROELECTRONICS-TS1871 Datasheet
73Kb / 10P
1.8V, INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
Mar-2000
TS951 STMICROELECTRONICS-TS951 Datasheet
118Kb / 13P
INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
Aug-1999
TS1851 STMICROELECTRONICS-TS1851_07 Datasheet
342Kb / 25P
1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
22-May-2007
TS1871 STMICROELECTRONICS-TS1871_07 Datasheet
428Kb / 27P
1.8V input/output rail-to-rail Low power operational amplifiers
21-May-2007
logo
Analog Devices
OP196 AD-OP196_02 Datasheet
287Kb / 16P
Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP184 AD-OP184_06 Datasheet
508Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
logo
STMicroelectronics
TS1871 STMICROELECTRONICS-TS1871_08 Datasheet
427Kb / 26P
1.8V input/output rail-to-rail low power operational amplifiers
17-Jan-2008
logo
Texas Instruments
TLV2460-Q1 TI1-TLV2460-Q1 Datasheet
1Mb / 38P
LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460-Q1 TI1-TLV2460-Q1_16 Datasheet
2Mb / 46P
Low-Power Rail-to-Rail Input/Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com