Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAQ7980 Datasheet(PDF) 13 Page - Analog Devices

Part # ADAQ7980
Description  16-Bit, 1 MSPS, Integrated Data Acquisition Subsystem
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ7980 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADAQ7980 Datasheet HTML 9Page - Analog Devices ADAQ7980 Datasheet HTML 10Page - Analog Devices ADAQ7980 Datasheet HTML 11Page - Analog Devices ADAQ7980 Datasheet HTML 12Page - Analog Devices ADAQ7980 Datasheet HTML 13Page - Analog Devices ADAQ7980 Datasheet HTML 14Page - Analog Devices ADAQ7980 Datasheet HTML 15Page - Analog Devices ADAQ7980 Datasheet HTML 16Page - Analog Devices ADAQ7980 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
Data Sheet
ADAQ7980/ADAQ7988
Rev. 0 | Page 13 of 49
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 7.
Parameter
Rating
V+ to V−
11 V
V+ to GND
−0.3 V to +11 V
V− to GND
−11 V to +0.3 V
VDD to GND
−0.3 V to +24 V
REF_OUT/VIO to GND
−0.3 V to +6 V
IN+/IN−/REF to GND
V− − 0.7 V to V+ + 0.7 V
AMP_OUT/ADCN to GND
−0.3 V to VREF + 0.3 V or
±130 mA
Differential Analog Input Voltage
(IN+ − IN−)
±1 V
Digital Input1 Voltage to GND
−0.3 V to VIO + 0.3 V
Digital Output2 Voltage to GND
−0.3 V to VIO + 0.3 V
Input Current to Any Pin Except Supplies3,4
±10 mA
Operating Temperature Range
−55°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
ESD
Human Body Model (HBM)
4000 V
Field Induced Charged Device Model
(FICDM)
1250 V
1
The digital input pins include the following: CNV, SDI, and SCK.
2
The digital output pin is SDO.
3
Transient currents of up to 100 mA do not cause SCR latch-up.
4
Condition applies when power is provided to subsystem.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any
other conditions above those indicated in the operational section of
this specification is not implied. Operation beyond the maximum
operating conditions for extended periods may affect product
reliability.
THERMAL DATA
Absolute maximum ratings apply individually only, not in
combination. The ADAQ7980/ADAQ7988 can be damaged
when the junction temperature (TJ) limits are exceeded.
Monitoring ambient temperature does not guarantee that TJ is
within the specified temperature limits. In applications with
high power dissipation and poor thermal resistance, the
maximum ambient temperature (TA) may have to be derated.
In applications with moderate power dissipation and low printed
circuit board (PCB) thermal resistance, the maximum TA can
exceed the maximum limit as long as the junction temperature
is within specification limits. The θJA of the package is based on
modeling and calculation using a 4-layer board. The θJA is highly
dependent on the application and board layout. In applications
where high maximum power dissipation exists, close attention
to thermal board design is required. The θJA value may vary
depending on PCB material, layout, and environmental conditions.
THERMAL RESISTANCE
Thermal resistance values specified in Table 8 were calculated
based on JEDEC specifications and must be used in compliance
with JESD51-12. Because the product contains more than one
silicon device, only the worst case junction temperature is reported.
Table 8. Thermal Resistance
Package Type1, 2
θJA
θJCTOP2
ΨJT
Unit
CC-24-2
65
103
12.6
˚C/W
1
These values represent the worst case die junction in the package.
2
Table 8 values were calculated based on the standard JEDEC test conditions
defined in Table 9, unless otherwise specified.
3
For θJC test, 100 µm thermal interface material (TIM) was used. TIM is
assumed to be 3.6 W/mK.
Only use θJA and θJC TOP to compare thermal performance of the
package of the device with other semiconductor packages when
all test conditions listed are similar. One common mistake is to
use θJA and θJC to estimate the junction temperature in the system
environment. Instead, using ΨJT is a more appropriate way to
estimate the worst case junction temperature of the device in the
system environment. First, take an accurate thermal measurement
of the top center of the device (on the mold compound in this
case) while the device operates in the system environment. This
measurement is known in the following equation as TTOP. This
equation can then be used to solve for the worst case TJ in that
given environment as follows:
TJ = ΨJT × P + TTOP
where:
ΨJT is the junction to top thermal characterization number as
specified in data sheet.
P refers to total power dissipation in the chip (W).
TTOP refers to the package top temperature (°C) and is measured
at the top center of the package in the environment of the user.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com