Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAQ7980 Datasheet(PDF) 21 Page - Analog Devices

Part # ADAQ7980
Description  16-Bit, 1 MSPS, Integrated Data Acquisition Subsystem
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ7980 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADAQ7980 Datasheet HTML 17Page - Analog Devices ADAQ7980 Datasheet HTML 18Page - Analog Devices ADAQ7980 Datasheet HTML 19Page - Analog Devices ADAQ7980 Datasheet HTML 20Page - Analog Devices ADAQ7980 Datasheet HTML 21Page - Analog Devices ADAQ7980 Datasheet HTML 22Page - Analog Devices ADAQ7980 Datasheet HTML 23Page - Analog Devices ADAQ7980 Datasheet HTML 24Page - Analog Devices ADAQ7980 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
Data Sheet
ADAQ7980/ADAQ7988
Rev. 0 | Page 21 of 49
0.6
0.5
0.4
0.3
0.2
0.1
0
010
9
8
7
6
5
4
3
2
1
OVERLOAD DURATION (µs)
G = +1
V+ = +7V
V– = –2V
VIN = 10% OVERDRIVE
Figure 29. Recovery Time vs. Overload Duration
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
–20
0
20
40
60
80
100
120
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
GAIN
PHASE
Figure 30. ADC Driver Open-Loop Gain and Phase vs. Frequency
0
200
400
600
800
100
1200
1400
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
fS = 100kSPS
V– = 0V
VREF = 3.3V
V+ = 10V
V+ = 7V
V+ = 5V
Figure 31. ADC Driver Dynamic Power Scaling Turn-On Time vs. Temperature
for Various Supply Voltages
1200
1000
800
600
400
200
0
410
9
8
7
6
5
SUPPLY (V)
fS = 100kSPS
V– = 0V
VREF = 3.3V
Figure 32. ADC Driver Dynamic Power Scaling Turn On Time vs. Supply
Voltage
0
100
200
300
400
500
600
800
700
01
2345
6
TIME (µs)
V– = 0V
V+ = 10V
V+ = 5V
V+ = 4V
Figure 33. Supply Current vs. ADC Driver and Reference Buffer Turn-Off
Response Time for Various Supplies
0
100
200
300
400
500
600
700
800
0123456
TIME (µs)
V+ = 5V
V– = 0V
+125°C
+25°C
–40°C
Figure 34. Supply Current vs. ADC Driver and Reference Buffer Turn-Off
Response Time for Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com